Electronic Components Datasheet Search
  English  ▼

X  

GI910 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GI910
Description  Medium Switching Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GI910 Datasheet(HTML) 1 Page - Vishay Siliconix

  GI910 Datasheet HTML 1Page - Vishay Siliconix GI910 Datasheet HTML 2Page - Vishay Siliconix GI910 Datasheet HTML 3Page - Vishay Siliconix GI910 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88631
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 10-Nov-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Medium Switching Plastic Rectifier
GI910 thru GI917
Vishay General Semiconductor
FEATURES
• Fast switching for high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in fast switching rectification of power supply,
inverters, converters and freewheeling diodes for consumer
and telecommunication.
Note
• These devices are not AEC-Q101 qualified.
MECHANICAL DATA
Case: DO-201AD, molded epoxy body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
50 V to 800 V
IFSM
100 A
trr
750 ns
IR
10 μA
VF
1.25 V
TJ max.
150 °C
DO-201AD
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GI910
GI911
GI912
GI914
GI916
GI917
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
V
Maximum average forward rectified current
0.375" (9.5 mm) lead length at TA = 90 °C
IF(AV)
3.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Operating junction and storage temperature range
TJ, TSTG
- 50 to + 150
°C


Similar Part No. - GI910

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GI910 GE-GI910 Datasheet
44Kb / 2P
MEDIUM-SWITCHING PLASTIC RECTIFIER
More results

Similar Description - GI910

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BY251 TRSYS-BY251 Datasheet
128Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
General Semiconductor
GI910 GE-GI910 Datasheet
44Kb / 2P
MEDIUM-SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
BY251 PANJIT-BY251_04 Datasheet
59Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
PS200R PANJIT-PS200R_04 Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS300R PANJIT-PS300R_04 Datasheet
36Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
BY251 CHENG-YI-BY251 Datasheet
119Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
Pan Jit International I...
BY251 PANJIT-BY251_09 Datasheet
57Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
Vishay Siliconix
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Yixinwei Techn...
BY255 YIXIN-BY255 Datasheet
143Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com