Electronic Components Datasheet Search
  English  ▼

X  

GI910 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GI910
Description  Medium Switching Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GI910 Datasheet(HTML) 2 Page - Vishay Siliconix

  GI910 Datasheet HTML 1Page - Vishay Siliconix GI910 Datasheet HTML 2Page - Vishay Siliconix GI910 Datasheet HTML 3Page - Vishay Siliconix GI910 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88631
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 10-Nov-09
GI910 thru GI917
Vishay General Semiconductor
Note
(1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length, with both leads equally heat sink
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curves
Fig. 2 - Maximum Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GI910
GI911
GI912
GI914
GI916
GI917
UNIT
Maximum instantaneous
forward voltage
3.0 A
TA = 25 °C
VF
1.25
V
9.4 A
TJ = 175 °C
1.10
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
10
μA
TA = 100 °C
300
Maximum reverse
recovery time
IF = 1.0 A, VR = 30 V,
dI/dt = 50 A/μs,
Irr = 10 % IRM
trr
750
ns
Maximum reverse
recovery current
IF = 1.0 A, VR = 30 V,
dI/dt = 50 A/μs,
Irr = 10 % IRM
IRM(REC)
2.0
A
Typical junction capacitance
4.0 V, 1 MHz
CJ
28
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GI910
GI911
GI912
GI914
GI916
GI917
UNIT
Typical thermal resistance
RθJA
(1)
22
°C/W
RθJL
(1)
8.0
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GI916-E3/54
1.1
54
1400
13" diameter paper tape and reel
GI916-E3/73
1.1
73
1000
Ammo pack packaging
Ambient Temperature (°C)
30
50
70
90
110
130
150
170
0
1.0
2.0
3.0
4.0
0.8" x 0.8" x 0.04"
(20 mm x 20 mm x 1 mm)
Copper Heatsinks
0.375" (9.5 mm)
Lead Length
Capacitive
Loads
5.0
10
20
=
I
pk
I
AV
=
π
I
pk
I
AV
1
10
100
100
1000
10
Number of Cycles at 60 Hz
T
J = 150 °C
T
J = 25 °C
8.3 ms Single Half Sine-Wave
Repetitive
Non-Repetitive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com