Electronic Components Datasheet Search
  English  ▼

X  

TF256 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TF256
Description  Electret Condenser Microphone Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF256 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TF256 Datasheet HTML 1Page - Sanyo Semicon Device TF256 Datasheet HTML 2Page - Sanyo Semicon Device TF256 Datasheet HTML 3Page - Sanyo Semicon Device TF256 Datasheet HTML 4Page - Sanyo Semicon Device TF256 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TF256
No. A1616-1/5
Features
•
High gain : GV=2.7dB typ (VCC=2V, RL=2.2kΩ, Cin=5pF, VIN=10mV, f=1kHz)
•
Ultrasmall package facilitates miniaturization in end products [1.0mm×0.6mm×0.27mm (max 0.3mm)]
•
Best suited for use in electret condenser microphone for audio equipments and telephones
•
Excellent transient characteristics
•
Adoption of FBET process
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Gate-to-Drain Voltage
VGDO
--20
V
Gate Current
IG
10
mA
Drain Current
ID
1mA
Allowable Power Dissipation
PD
30
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7055-001
10511 TKIM TC-00002534/N2509GB TKIM TC-00002096
SANYO Semiconductors
DATA SHEET
TF256
N-channel Silicon Juncton FET
Electret Condenser Microphone
Applications
http://semicon.sanyo.com/en/network
Ordering number : ENA1616A
Product & Package Information
• Package
: USFP
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 10,000 pcs./real
Packing Type: TL
Marking
Electrical Connection
2
3
1
N
TL
1
3
2
1 : Drain
2 : Source
3 : Gate
SANYO : USFP
0.6
0.2
0.11
0 to 0.02
0.15
0.175
12
3
12
3


Similar Part No. - TF256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TF256 ETC2-TF256 Datasheet
123Kb / 4P
2.5A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TF256 TAITRON-TF256 Datasheet
124Kb / 4P
2.5A Fast Recovery Rectifier
logo
ON Semiconductor
TF256 ONSEMI-TF256 Datasheet
356Kb / 7P
N-Channel JFET
TF256-3-TL-H ONSEMI-TF256-3-TL-H Datasheet
356Kb / 7P
N-Channel JFET
TF256-4-TL-H ONSEMI-TF256-4-TL-H Datasheet
356Kb / 7P
N-Channel JFET
More results

Similar Description - TF256

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF202 SANYO-TF202 Datasheet
32Kb / 4P
Electret Condenser Microphone Applications
EC3A01B SANYO-EC3A01B Datasheet
38Kb / 5P
Electret Condenser Microphone Applications
EC3A01T SANYO-EC3A01T Datasheet
37Kb / 5P
Electret Condenser Microphone Applications
logo
CUI INC
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
electret condenser microphone
logo
Sanyo Semicon Device
TF208TH SANYO-TF208TH Datasheet
33Kb / 4P
Electret Condenser Microphone Applications
TF256TH SANYO-TF256TH Datasheet
343Kb / 5P
Electret Condenser Microphone Applications
TF252 SANYO-TF252_12 Datasheet
69Kb / 4P
Electret Condenser Microphone Applications
TF252TH SANYO-TF252TH_12 Datasheet
440Kb / 7P
Electret Condenser Microphone Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com