Electronic Components Datasheet Search
  English  ▼

X  

TF256 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TF256
Description  Electret Condenser Microphone Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF256 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TF256 Datasheet HTML 1Page - Sanyo Semicon Device TF256 Datasheet HTML 2Page - Sanyo Semicon Device TF256 Datasheet HTML 3Page - Sanyo Semicon Device TF256 Datasheet HTML 4Page - Sanyo Semicon Device TF256 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TF256
No. A1616-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Rank
min
typ
max
Gate-to-Drain Breakdown Voltage
V(BR)GDO
IG=--100μA
--20
V
Cutoff Voltage
VGS(off)
VDS=2V, ID=1μA
--0.1
--0.35
--1.0
V
Drain Current
IDSS
VDS=2V, VGS=0V
3
100
180
μA
4
140
280
5
240
450
Forward Transfer Admittance
| yfs |
VDS=2V, VGS=0V, f=1kHz
0.75
1.7
mS
Input Capacitance
Ciss
VDS=2V, VGS=0V, f=1MHz
3.1
pF
Reverse Transfer Capacitance
Crss
VDS=2V, VGS=0V, f=1MHz
1.0
pF
[Ta=25°C, VCC=2.0V, RL=2.2kΩ, Cin=5pF, See specified Test Circuit.]
Voltage Gain
GV
VIN=10mV, f=1kHz
3
1.0
dB
4
2.0
5
3.0
Reduced Voltage Characteristic
ΔG
VV
VIN=10mV, f=1kHz, VCC=2.0V → 1.5V
3
--0.5
--1.0
dB
4
--0.6
--1.3
5
--0.9
--2.0
Frequency Characteristic
ΔGvf
f=1kHz to 110Hz
--1.0
dB
Total Harmonic Distortion
THD
VIN=30mV, f=1kHz
3
1.4
%
4
0.9
5
0.35
Output Noise Voltage
VNO
VIN=0V, A curve
--105
--100
dB
Test Circuit
OSC
5pF
+
33μF
2.2kΩ
VCC=2.0V
VCC=1.5V
V
VTVM
THD
Voltage gain
Frequency Characteristic
Distortion
Reduced Voltage Characteristic
ID -- VDS
Drain-to-Source Voltage, VDS -- V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
0
0.5
4.0
4.5
5.0
1.0
1.5
2.0
2.5
3.0
3.5
400
300
350
200
250
100
50
150
0
IT15213
--0.10V
--0.05V
--0.15V
--0.20V
--0.25V
--0.30V
VGS=0V
450
350
250
50
150
--0.50
--0.40
--0.30
--0.20
--0.10
0
--0.45
--0.35
--0.25
--0.15
--0.05
500
400
300
200
100
0
IT16271
VDS=2V
150
μA
100
μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com