Electronic Components Datasheet Search
  English  ▼

X  

BA887 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BA887
Description  Silicon PIN Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BA887 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BA887 Datasheet HTML 1Page - Siemens Semiconductor Group BA887 Datasheet HTML 2Page - Siemens Semiconductor Group BA887 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type
Ordering Code
Pin Configuration
Marking
Package
(taped)
1
2
3
BA 887
Q62702-
A
C
PDs
SOT-23
Maximum Ratings
Parameter
Symbol
Values
Unit
Reverse voltage
V
R
50
V
Forward current
I
F
100
mA
Total power dissipation
T
S ≤ 40 °C
1)
P
tot
250
mW
Junction temperature
T
j
150
°C
Storage temperature range
T
stg
– 55 … + 150
°C
Thermal Resistance
Junction-soldering point1)
R
th JS
≤ 220
K/W
Junction-ambient
R
th JA
≤ 300
K/W
1) Package mounted on aluminum 15 mm x 16.7 mm x 0.7 mm.
Silicon PIN Diode
Preliminary Data
BA 887
q
RF switch, RF attenuator for frequencies above
10 MHz
q
Very low IM distortion
Semiconductor Group
1
10 94


Similar Part No. - BA887

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA881 L-COM-BA881 Datasheet
72Kb / 1P
ADAPTOR, MINI-UHF TO TNC PLUG
04/24/2003
BA882 L-COM-BA882 Datasheet
131Kb / 1P
ADAPTOR MINI-UHF F/BNC M
05/01/2003
BA883 L-COM-BA883 Datasheet
110Kb / 1P
MINI UHF PLUG TO BNC JACK
05/01/2003
logo
Siemens Semiconductor G...
BA885 SIEMENS-BA885 Datasheet
37Kb / 2P
Silicon PIN Diode
logo
Infineon Technologies A...
BA885 INFINEON-BA885 Datasheet
471Kb / 5P
Silicon PIN Diode
Apr-06-2004
More results

Similar Description - BA887

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
Silicon PIN diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 17
logo
Advanced Semiconductor
AP1000C-11 ASI-AP1000C-11 Datasheet
15Kb / 1P
SILICON PIN DIODE
logo
NXP Semiconductors
BAP27-01 PHILIPS-BAP27-01 Datasheet
77Kb / 7P
Silicon PIN diode
2001 Nov 01
BAP63-03 PHILIPS-BAP63-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 11
BAP63-05 PHILIPS-BAP63-05 Datasheet
76Kb / 6P
Silicon PIN diode
2000 Feb 17
BAP70-02 NXP-BAP70-02 Datasheet
229Kb / 6P
Silicon PIN diode
Rev. 05-2 January 2008
logo
Guangdong Kexin Industr...
BAP64-02 KEXIN-BAP64-02 Datasheet
35Kb / 1P
Silicon PIN diode
BAP63-02 KEXIN-BAP63-02 Datasheet
36Kb / 2P
Silicon PIN diode
logo
Infineon Technologies A...
BA595E6327 INFINEON-BA595E6327 Datasheet
903Kb / 10P
Silicon PIN Diode
2011-07-21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com