Electronic Components Datasheet Search
  English  ▼

X  

GSOT03C Datasheet(PDF) 9 Page - Vishay Siliconix

Part # GSOT03C
Description  Two-Line ESD-Protection in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT03C Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button GSOT03C Datasheet HTML 4Page - Vishay Siliconix GSOT03C Datasheet HTML 5Page - Vishay Siliconix GSOT03C Datasheet HTML 6Page - Vishay Siliconix GSOT03C Datasheet HTML 7Page - Vishay Siliconix GSOT03C Datasheet HTML 8Page - Vishay Siliconix GSOT03C Datasheet HTML 9Page - Vishay Siliconix GSOT03C Datasheet HTML 10Page - Vishay Siliconix GSOT03C Datasheet HTML 11Page - Vishay Siliconix GSOT03C Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 85824
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 2.0, 22-Jul-10
9
GSOT03C to GSOT36C
Two-Line ESD-Protection in SOT-23 Vishay Semiconductors
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified. BiAs mode (between pin 1 to 2 or pin 2 to 1; pin 3 not connected)
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified. BiAs mode (between pin 1 to 2 or pin 2 to 1; pin 3 not connected)
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified. BiAs mode (between pin 1 to 2 or pin 2 to 1; pin 3 not connected)
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified. BiAs mode (between pin 1 to 2 or pin 2 to 1; pin 3 not connected)
ELECTRICAL CHARACTERISTICS GSOT08C
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 5 μA
VRWM
8.5
-
-
V
Reverse current
at VR = 8.5 V
IR
--
5
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
9.5
10.7
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-
11.7
14
V
at IPP = IPPM = 18 A
-
18.5
22.2
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
80
125
pF
at VR = 4 V; f = 1 MHz
-
60
-
pF
ELECTRICAL CHARACTERISTICS GSOT12C
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 1 μA
VRWM
12.5
-
-
V
Reverse current
at VR = 12.5 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
13.5
15.7
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-
16.4
19.7
V
at IPP = IPPM = 12 A
-
23.4
28.1
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-58
75
pF
at VR = 7.5 V; f = 1 MHz
-
36
-
pF
ELECTRICAL CHARACTERISTICS GSOT15C
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 1 μA
VRWM
15.5
-
-
V
Reverse current
at VR = 15.5 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
17
18.7
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-
20.4
24.5
V
at IPP = IPPM = 8 A
-
26.6
30.6
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-45
60
pF
at VR = 7.5 V; f = 1 MHz
-
25
-
pF
ELECTRICAL CHARACTERISTICS GSOT24C
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 1 μA
VRWM
24.5
-
-
V
Reverse current
at VR = 24.5 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
27.5
30.7
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-34
41
V
at IPP = IPPM = 5 A
-
40
48
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-33
40
pF
at VR = 12 V; f = 1 MHz
-
18
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com