Electronic Components Datasheet Search
  English  ▼

X  

BUL742C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUL742C
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL742C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL742C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL742C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BUL742C
ELECTRICAL CHARACTERISTICS
TC =25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 500mA; L= 125mH,
Imeasure= 100mA
400
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
11
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 0.8A; IB= 0.2A
0.2
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 2.5A; IB= 0.8A
0.4
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 0.8A; IB= 0.2A
1.0
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 2.5A; IB= 0.8A
1.2
V
ICES
Collector Cutoff Current
VCES= 900V; VEB=0
VCES= 900V; VEB=0,TC= 150℃
10
200
μA
hFE-1
DC Current Gain
IC= 10mA; VCE= 2V
15
hFE-2
DC Current Gain
IC= 0.8A; VCE= 2V
15
hFE-3
DC Current Gain
IC= 2.5A; VCE= 2V
7
hFE-4
DC Current Gain
IC= 5A; VCE= 2V
4
COB
Output Capacitance
IE= 0; VCB= 10V; f= 1MHz
60
pF
VCEW
Collector-Emitter Working Voltage
VS= 50V; L= 1mH; IC= 2.5A;
IB1= -IB2= 0.5A; VBE(off)= -5V
500
V
fT
Current-Gain—Bandwidth Product
IC= 0.2A; VCE= 10V; f= 1MHz
4
MHz
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com