Electronic Components Datasheet Search
  English  ▼

X  

BAS125 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAS125
Description  Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS125 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAS125 Datasheet HTML 1Page - Siemens Semiconductor Group BAS125 Datasheet HTML 2Page - Siemens Semiconductor Group BAS125 Datasheet HTML 3Page - Siemens Semiconductor Group BAS125 Datasheet HTML 4Page - Siemens Semiconductor Group BAS125 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
BAS 125 …
q
For low-loss, fast-recovery, meter protection,
bias isolation and clamping applications
q
Integrated diffused guard ring
q
Low forward voltage
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Maximum Ratings per Diode
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
SOT-143
BAS 125-07
Q62702-D1327
17
Thermal Resistance
Junction - ambient2)
Rth JA
≤ 725
K/W
Junction - soldering point
Rth JS
≤ 565
Parameter
Symbol
Values
Unit
Reverse voltage
VR
25
V
Forward current
IF
100
mA
Junction temperature
Tj
150
˚C
Storage temperature range
Tstg
– 55 … + 150
Total power dissipation, TS
≤ 25 ˚C3)
Ptot
250
mW
Surge forward current, t
≤ 10 ms
IFSM
500
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on alumina 15 mm
× 16.7 mm × 0.7 mm.
3)
450 mW per package.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com