Electronic Components Datasheet Search
  English  ▼

X  

BAS125 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BAS125
Description  Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS125 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BAS125 Datasheet HTML 1Page - Siemens Semiconductor Group BAS125 Datasheet HTML 2Page - Siemens Semiconductor Group BAS125 Datasheet HTML 3Page - Siemens Semiconductor Group BAS125 Datasheet HTML 4Page - Siemens Semiconductor Group BAS125 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
BAS 125 …
Electrical Characteristics per Diode
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
µA
Reverse current
VR = 20 V
VR = 25 V
IR
–
–
–
–
1
10
mV
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 35 mA
VF
–
–
–
385
530
800
410
–
900
Ω
Differential forward resistance
IF = 5 mA, f = 10 kHz
RF
–15
–
pF
Diode capacitance
VR = 0, f = 1 MHz
CT
–
–
1.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com