Electronic Components Datasheet Search
  English  ▼

X  

MJ21193 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ21193
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ21193 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ21193 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ21193 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
MJ21193
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=-100mA; IB=0
B
-250
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC=-8A ;IB=-0.8A
B
-1.4
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC=-16A ;IB=-3.2A
-4
V
VBE(on)
Base-Emitter On Voltage
IC=-8A ; VCE=-5V
-2.2
V
ICEO
Collector Cutoff Current
VCE=-200V,IB=0
-0.1
mA
ICEX
Collector Cutoff Current
VCE= -250V; VBE(off)= -1.5V
-0.1
mA
IEBO
Emitter Cutoff Current
VEB=-5V; IC=0
-100
μA
hFE-1
DC Current Gain
IC=-8A; VCE=-5V
25
75
hFE-2
DC Current Gain
IC=-16A; VCE=-5V
8
COB
Collector Capacitance
IE= 0; f=1MHz ; VCB=-10V
500
pF
fT
Current Gain-Bandwidth Product
IC=-1A ;VCE=-10V; ftest=1MHz
4
MHz
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com