Electronic Components Datasheet Search
  English  ▼

X  

MJ21193 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJ21193
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ21193 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJ21193 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ21193 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
MJ21193
DESCRIPTION
·Total Harmonic Distortion Characterized
·High DC Current Gain
·High Area of Safe Operation
APPLICATIONS
·Designed for high power audio output, disk head positioners
and linear applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Emitter Voltage
-400
V
VCEO
Collector-Emitter Voltage
-250
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-16
A
ICM
Collector Current-Pulsed
-30
A
IB
B
Base Current-Continuous
-5
A
PD
Total Power Dissipation (TC=25℃)
250
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-C
ThermalResistance Junction To Case
0.7
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - MJ21193

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
16 ampere complementary silicon power transistors 250 volts 250 watts
logo
ON Semiconductor
MJ21193 ONSEMI-MJ21193 Datasheet
173Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
September, 2013 ??Rev. 6
MJ21193 ONSEMI-MJ21193 Datasheet
73Kb / 6P
Silicon Power Transistors
June, 2005 ??Rev. 4
logo
Savantic, Inc.
MJ21193 SAVANTIC-MJ21193 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
logo
ON Semiconductor
MJ21193 ONSEMI-MJ21193 Datasheet
163Kb / 6P
Silicon Power Transistors
April, 2009 ??Rev. 5
More results

Similar Description - MJ21193

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com