Electronic Components Datasheet Search
  English  ▼

X  

MJE171 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJE171
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE171 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJE171 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE171 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJE171 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
MJE170/171/172
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
MJE170
-40
MJE171
-60
V(BR)CEO
Collector-emitter
breakdown voltage
MJE172
IC=-10mA;IB=0
-80
V
VCEsat-1
Collector-emitter saturation voltage
IC=-500mA ;IB=-50mA
-0.3
V
VCEsat-2
Collector-emitter saturation voltage
IC=-1.5A ;IB=-150mA
-0.9
V
VCEsat-3
Collector-emitter saturation voltage
IC=-3A ;IB=-600mA
-1.7
V
VBEsat-1
Base-emitter saturation voltage
IC=-1.5A ;IB=-150mA
-1.5
V
VBEsat-2
Base-emitter saturation voltage
IC=-3A ;IB=-600mA
-2.0
V
VBE
Base-emitter on voltage
IC=-500mA ; VCE=-1V
-1.2
V
MJE170
VCB=-60V; IE=0
TC=150℃
-0.1
-0.1
μA
mA
MJE171
VCB=-80V; IE=0
TC=150℃
-0.1
-0.1
μA
mA
ICBO
Collector cut-off current
MJE172
VCB=-100V; IE=0
TC=150℃
-0.1
-0.1
μA
mA
IEBO
Emitter cut-off current
VEB=-7V; IC=0
-0.1
μA
hFE-1
DC current gain
IC=-100mA ; VCE=-1V
50
250
hFE-2
DC current gain
IC=-500mA ; VCE=-1V
30
hFE-3
DC current gain
IC=-1.5A ; VCE=-1V
12
fT
Transition frequency
IC=-100mA ; VCE=-10V
50
MHz
COB
Output capacitance
IE=0 ; VCB=-10V,f=0.1MHz
50
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com