Electronic Components Datasheet Search
  English  ▼

X  

MJE171 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJE171
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE171 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJE171 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE171 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJE171 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
MJE170/171/172
DESCRIPTION
・
・With TO-126 package
・Complement to type MJE180/181/182
APPLICATIONS
・For low power audio amplifier and low
current high speed switching applications
PINNING (see Fig.2)
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute Maximun Ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
MJE170
-60
MJE171
-80
VCBO
Collector-base voltage
MJE172
Open emitter
-100
V
MJE170
-40
MJE171
-60
VCEO
Collector-emitter voltage
MJE172
Open base
-80
V
VEBO
Emitter-base voltage
Open collector
-7
V
IC
Collector current
-3
A
ICM
Collector current-peak
-6
A
IB
Base current
-1
A
Ta=25℃
1.5
PC
Collector power dissipation
TC=25℃
12.5
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-65~150
℃


Similar Part No. - MJE171

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE171 MOSPEC-MJE171 Datasheet
228Kb / 4P
POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Motorola, Inc
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
logo
ON Semiconductor
MJE171 ONSEMI-MJE171 Datasheet
172Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 2
logo
Fairchild Semiconductor
MJE171 FAIRCHILD-MJE171 Datasheet
49Kb / 5P
Low Power Audio Amplifier Low Current, High Speed Switching Applications
logo
ON Semiconductor
MJE171 ONSEMI-MJE171 Datasheet
83Kb / 6P
Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
More results

Similar Description - MJE171

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com