Electronic Components Datasheet Search
  English  ▼

X  

MJE4352 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJE4352
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE4352 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJE4352 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE4352 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJE4352 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
MJE4350/4351/4352/4353
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
MJE4350
-100
MJE4351
-120
MJE4352
-140
VCEO(SUS)
Collector-emitter
sustaining voltage
MJE4353
IC=-100mA ;IB=0
-160
V
VCEsat-1
Collector-emitter saturation voltage
IC=-8A ;IB=-0.8A
-2.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=-16A; IB=-2.0A
-3.5
V
VBEsat
Base-emitter saturation voltage
IC=-16A; IB=-2.0A
-3.9
V
VBE
Base-emitter on voltage
IC=-16A ; VCE=-4V
-3.9
V
MJE4350
VCE=-50V; IB=0
MJE4351
VCE=-60V; IB=0
MJE4352
VCE=-70V; IB=0
ICEO
Collector
cut-off current
MJE4353
VCE=-80V; IB=0
-0.75
mA
ICEX
Collector cut-off current
VCE=RatedVCBO; VBE=-1.5V
TC=150℃
-1.0
-5.0
mA
ICBO
Collector cut-off current
VCB=RatedVCB; IE=0
-0.75
mA
IEBO
Emitter cut-off current
VEB=-7V; IC=0
-1.0
mA
hFE-1
DC current gain
IC=-8A ; VCE=-2V
15
hFE-2
DC current gain
IC=-16A ; VCE=-4V
8
COB
Output capacitance
IE=0 ; VCB=-10V;f=0.1MHz
800
pF
fT
Transition frequency
IC=-1A ; VCE=-20V;f=0.5MHz
1.0
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com