Electronic Components Datasheet Search
  English  ▼

X  

MJE4352 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJE4352
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE4352 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJE4352 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE4352 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJE4352 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
MJE4350/4351/4352/4353
DESCRIPTION
・With TO-3PN package
・Respectively complement to type
MJE4340/4341/4342/4343
・DC current gain hFE=8(Min)@IC=16A
APPLICATIONS
・For use in high power audio amplifier and
switching regulator circuits
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
MJE4350
-100
MJE4351
-120
MJE4352
-140
VCBO
Collector-base
voltage
MJE4353
Open emitter
-160
V
MJE4350
-100
MJE4351
-120
MJE4352
-140
VCEO
Collector-emitter
voltage
MJE4353
Open base
-160
V
VEBO
Emitter-base voltage
Open collector
-7
V
IC
Collector current
-16
A
ICM
Collector current-peak
-20
A
IB
Base current
-5
A
PC
Collector power dissipation
TC=25℃
125
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.0
℃/W
Fig.1 simplified outline (TO-3PN) and symbol


Similar Part No. - MJE4352

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE4352 MOSPEC-MJE4352 Datasheet
135Kb / 4P
POWER TRANSISTORS(16A,100-160V,125W)
logo
Motorola, Inc
MJE4352 MOTOROLA-MJE4352 Datasheet
197Kb / 6P
16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
logo
Savantic, Inc.
MJE4352 SAVANTIC-MJE4352 Datasheet
139Kb / 3P
Silicon PNP Power Transistors
MJE4352 SAVANTIC-MJE4352 Datasheet
141Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - MJE4352

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com