Electronic Components Datasheet Search
  English  ▼

X  

MJE13003D Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJE13003D
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE13003D Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJE13003D Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE13003D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
Product Specification
Silicon NPN Power Transistor
MJE13003D
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA ;IB= 0
B
400
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA ;IC= 0
9
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.25A
B
0.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 1.5A; IB= 0.5A
0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 0.5A; IB= 0.1A
1.2
V
ICBO
Collector Cutoff Current
VCB= 700V; IE= 0
100
μA
ICEO
Collector Cutoff Current
VCE= 400V; IB= 0
250
μA
hFE-1
DC Current Gain
IC= 1mA ; VCE= 5V
7
hFE-2
DC Current Gain
IC= 0.5A ; VCE= 5V
10
40
hFE-3
DC Current Gain
IC= 2A ; VCE= 5V
5
VECF
C-E Diode Forward Voltage
IF= 2A
2.0
V
Switching Times
ts
Storage Time
3.5
μs
tf
Fall Time
IC= 0.25A; VCC= 5V
0.8
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com