Electronic Components Datasheet Search
  English  ▼

X  

MJE13003D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJE13003D
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE13003D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJE13003D Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE13003D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
Product Specification
Silicon NPN Power Transistor
MJE13003D
DESCRIPTION
·High Voltage Capability
·High Speed Switching
·Wide Area of Safe Operation
APPLICATIONS
·Fluorescent lamp
·Electronic ballast
·Electronic transformer
·Switch mode power supply
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
700
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current-Continuous
2
A
PC
Collector Power Dissipation
@TC=25℃
40
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-65~150
℃


Similar Part No. - MJE13003D

ManufacturerPart #DatasheetDescription
logo
Dc Components
MJE13003D DCCOM-MJE13003D Datasheet
220Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
MJE13003D UTC-MJE13003D Datasheet
125Kb / 4P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Micro Commercial Compon...
MJE13003D MCC-MJE13003D Datasheet
170Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
logo
Shenzhen SI Semiconduct...
MJE13003D SISEMIC-MJE13003D Datasheet
483Kb / 6P
NPN D SERIES TRANSISTORS
logo
First Silicon Co., Ltd
MJE13003D FS-MJE13003D Datasheet
339Kb / 2P
SWITCHING REGULATOR APPLICATION.
More results

Similar Description - MJE13003D

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com