Electronic Components Datasheet Search
  English  ▼

X  

MJF45H11 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJF45H11
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJF45H11 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJF45H11 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJF45H11 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon PNP Power Transistors
MJF45H11
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -30mA; IB= 0
-80
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -8A; IB= -0.4 A
-1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -8A; IB= -0.8 A
-1.5
V
ICES
Collector Cutoff Current
VCE=Rated VCEO;
-1.0
μA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-10
μA
hFE-1
DC Current Gain
IC= -2A; VCE= -1V
60
hFE-2
DC Current Gain
IC= -4A; VCE= -1V
40
COB
Output Capacitance
VCB= -10V, f= 0.1MHz
230
pF
fT
Current-Gain—Bandwidth Product
IC=-0.5A; VCE=-10V; ftest=20MHz
40
MHz
Switching Times
ton
Turn-On Time
IC= -5A; IB1= -0.5A
135
ns
ts
Storage Time
500
ns
tf
Fall Time
IC= -5A; IB1= -IB2= -0.5A
100
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com