Electronic Components Datasheet Search
  English  ▼

X  

MJF45H11 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJF45H11
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJF45H11 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJF45H11 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJF45H11 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon PNP Power Transistors
MJF45H11
DESCRIPTION
·Low Collector Saturation Voltage-
: VCE(sat)= -1.0V(Max.)@ IC= -8A
·Fast Switching Speeds
·Complement to Type MJF44H11
APPLICATIONS
·Designed for general purpose power amplification and
switching such as output or driver stages in applications
such as switching regulators,converters and power amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEO
Collector-Emitter Voltage
-80
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-10
A
ICM
Collector Current-Peak
-20
A
Collector Power Dissipation
@TC=25℃
36
PC
Collector Power Dissipation
@Ta=25℃
2
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3.5
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
62.5
℃/W


Similar Part No. - MJF45H11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF45H11 ONSEMI-MJF45H11 Datasheet
80Kb / 8P
Complementary Power Transistors
December, 2002 - Rev. 2
MJF45H11 ONSEMI-MJF45H11 Datasheet
115Kb / 5P
SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
logo
Savantic, Inc.
MJF45H11 SAVANTIC-MJF45H11 Datasheet
205Kb / 3P
Silicon PNP Power Transistors
logo
ON Semiconductor
MJF45H11 ONSEMI-MJF45H11 Datasheet
157Kb / 5P
Complementary Power Transistors
April, 2009 ??Rev. 6
logo
Savantic, Inc.
MJF45H11 SAVANTIC-MJF45H11 Datasheet
207Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - MJF45H11

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
3CD9D ISC-3CD9D Datasheet
281Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com