Electronic Components Datasheet Search
  English  ▼

X  

BAS70 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAS70
Description  Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS70 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAS70 Datasheet HTML 1Page - Siemens Semiconductor Group BAS70 Datasheet HTML 2Page - Siemens Semiconductor Group BAS70 Datasheet HTML 3Page - Siemens Semiconductor Group BAS70 Datasheet HTML 4Page - Siemens Semiconductor Group BAS70 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
Silicon Schottky Diodes
BAS 70 …
q
General-purpose diodes for high-speed switching
q
Circuit protection
q
Voltage clamping
q
High-level detecting and mixing
Available with CECC quality assessment
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BAS 70
Q62702-A118
73s
SOT-23
BAS 70-04
Q62702-A730
74s
BAS 70-05
Q62702-A711
75s
BAS 70-06
Q62702-A774
76s
1)
For detailed information see chapter Package Outlines.
01.97


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
logo
General Semiconductor
BAS70 GE-BAS70 Datasheet
51Kb / 2P
Schottky Diodes
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS140W SIEMENS-BAS140W Datasheet
142Kb / 4P
Silicon Schottky Diode (General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS170W SIEMENS-BAS170W Datasheet
96Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40- SIEMENS-BAS40- Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS70-04S SIEMENS-BAS70-04S Datasheet
45Kb / 4P
Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70-06S SIEMENS-BAS70-06S Datasheet
46Kb / 4P
Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70-07W SIEMENS-BAS70-07W Datasheet
42Kb / 4P
Silicon Schottky Diode (General-purpose diode for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70W SIEMENS-BAS70W Datasheet
172Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
E-Tech Electronics LTD
GBAS40 ETL-GBAS40 Datasheet
218Kb / 2P
These schottky barrier diodes are designed for high speed switching applications, circuit protection and voltage clamping
GBAS70-A-C-S ETL-GBAS70-A-C-S Datasheet
184Kb / 2P
These schottky barrier diodes are designed for high speed switching applications, circuit protection and voltage clamping
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com