Electronic Components Datasheet Search
  English  ▼

X  

BAS70 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAS70
Description  Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS70 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAS70 Datasheet HTML 1Page - Siemens Semiconductor Group BAS70 Datasheet HTML 2Page - Siemens Semiconductor Group BAS70 Datasheet HTML 3Page - Siemens Semiconductor Group BAS70 Datasheet HTML 4Page - Siemens Semiconductor Group BAS70 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
BAS 70 …
q
General-purpose diodes for high-speed switching
q
Circuit protection
q
Voltage clamping
q
High-level detecting and mixing
Available with CECC quality assessment
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Maximum Ratings per Diode
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
SOT-143
BAS 70-07
Q62702-A846
77s
Thermal Resistance
Junction - ambient3)
BAS 70
BAS 70-04 …
Rth JA
≤ 405
≤ 575
K/W
Junction - soldering point
BAS 70
BAS 70-04 …
Rth JS
≤ 335
≤ 435
Parameter
Symbol
Values
Unit
Reverse voltage
VR
70
V
Forward current
IF
70
mA
Junction temperature
Tj
150
˚C
Storage temperature range
Tstg
– 55 … + 150
Total power dissipation
BAS 70
TS
≤ 66 ˚C2)
BAS 70-04 … TS
≤ 40 ˚C2)
Ptot
250
mW
Operating temperature range
Top
– 55 … + 150
Surge forward current,
t ≤ 10 ms
IFSM
100
1)
For detailed information see chapter Package Outlines.
2)
Max. 450 mW per package.
3)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com