Electronic Components Datasheet Search
  English  ▼

X  

SBYV26C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SBYV26C
Description  Glass Passivated Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV26C Datasheet(HTML) 2 Page - Vishay Siliconix

  SBYV26C Datasheet HTML 1Page - Vishay Siliconix SBYV26C Datasheet HTML 2Page - Vishay Siliconix SBYV26C Datasheet HTML 3Page - Vishay Siliconix SBYV26C Datasheet HTML 4Page - Vishay Siliconix SBYV26C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88735
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 15-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SBYV26C
Vishay General Semiconductor
Notes
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, mounted on PCB with 0.5" x 0.5" (12 mm x 12 mm) copper pads
(2) Thermal resistance from junction to lead at 0.375" (9.5 mm) lead length with both leads attached to heatsink
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Minimum avalanche
breakdown voltage
100 μA
VBR
600
V
Maximum instantaneous
forward voltage
1.0 A
TJ = 25 °C
VF
2.5
V
TJ = 175 °C
1.3
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 165 °C
150
Max. reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
30
ns
Maximum junction capacitance
4.0 V, 1 MHz
CJ
45
pF
Maximum reverse recovery
current slope
IF = 1 A, VR = 30 V, dIf/dt = - 1 A/μs
dIr/dt
7.0
A/μs
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance
RJA(1)
70
°C/W
RJL(2)
16
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SBYV26C-E3/54
0.339
54
5500
13" diameter paper tape and reel
SBYV26C-E3/73
0.339
73
3000
Ammo pack packaging
SBYV26CHE3/54 (1)
0.339
54
5500
13" diameter paper tape and reel
SBYV26CHE3/73 (1)
0.339
73
3000
Ammo pack packaging
0
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
Temperature (°C)
0.4
0.2
Mounted on P.C.B.
Lead Mounted
on Heatsink
T
A = Ambient Temperature
T
L = Lead Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
Average Forward Current (A)
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5 D = 0.8
D = 1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com