Electronic Components Datasheet Search
  English  ▼

X  

SBYV26C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SBYV26C
Description  Glass Passivated Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV26C Datasheet(HTML) 3 Page - Vishay Siliconix

  SBYV26C Datasheet HTML 1Page - Vishay Siliconix SBYV26C Datasheet HTML 2Page - Vishay Siliconix SBYV26C Datasheet HTML 3Page - Vishay Siliconix SBYV26C Datasheet HTML 4Page - Vishay Siliconix SBYV26C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 88735
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SBYV26C
Vishay General Semiconductor
Fig. 3 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 4 - Typical Instantaneous Forward Characteristics
Fig. 5 - Typical Reverse Leakage Characteristics
Fig. 6 - Typical Junction Capacitance
Fig. 7 - Typical Transient Thermal Impedance
1
10
100
1
100
10
Number of Cycles at 50 Hz
T
J = TJ Max.
10 ms Single Half Sine-Wave
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Instantaneous Forward Voltage (V)
0.01
0.1
10
100
1
T
J = 125 °C
T
J = 25 °C
T
J = 165 °C
Pulse Width = 300 μs
1 % Duty Cycle
020
60
40
100
80
0.01
0.001
0.1
10
1
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 125 °C
T
J = 25 °C
T
J = 165 °C
Reverse Voltage (V)
0.1
1
10
100
100
10
1
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
1
10
100
100
10
1
t - Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com