Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

78M6612-IM/F/P Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button 78M6612-IM/F/P Datasheet HTML 9Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 10Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 11Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 12Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 13Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 14Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 15Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 16Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
DS_6612_001
78M6612 Data Sheet
Rev 2
13
1.5.6 Optical Interface
The device includes an interface to implement an IR/optical port on UART1. The pin TX1 is designed to
directly drive an external LED for transmitting data on an optical link. The pin RX1 is designed to sense
the input from an external photo detector used as the receiver for the optical link. The IR/optical interface
is not supported in all firmware libraries. Contact Maxim support for more information.
1.5.7 Digital I/O
The device includes up to 18 pins (QFN 68 package) or 16 pins (LQFP 64 package) of general purpose
digital I/O. These pins are compatible with 5V inputs (no current-limiting resistors are needed). Some of
them are dedicated DIO (DIO3), some are dual-function that can alternatively be used as LCD drivers
(DIO4-11, 14-17, 19-21) and some share functions with the optical port (DIO1, DIO2). On reset or
power-up, all DIO pins are inputs until they are configured for the desired direction under MPU control.
The pins are configured by the DIO registers and by the five bits of the LCD_NUM register (located in I/O
RAM). Once declared as DIO, each pin can be configured independently as an input or output with the
DIO_DIRn bits. A 3-bit configuration word, DIO_Rx, can be used for certain pins, when configured as
DIO, to individually assign an internal resource such as an interrupt or a timer control. Table 2 lists the
direction registers and configurability associated with each group of DIO pins. Table 3 shows the con-
figuration for a DIO pin through its associated bit in its DIO_DIR register.
Tables showing the relationship between LCD_NUM and the available segment/DIO pins can be found in
Section 3.5 Connecting LCDs and in Section 4.3 I/O Description under LCD_NUM[4:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com