Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

78M6612-IM/F/P Datasheet(HTML) 5 Page - Maxim Integrated Products

  78M6612-IM/F/P Datasheet HTML 1Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 2Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 3Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 4Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 5Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 6Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 7Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 8Page - Maxim Integrated Products 78M6612-IM/F/P Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
DS_6612_001
78M6612 Data Sheet
Rev 2
5
Tables
Table 1: Inputs Selected in Regular and Alternate Multiplexer Cycles....................................................... 8
Table 2: Data/Direction Registers and Internal Resources for DIO Pin Groups ....................................... 14
Table 3: DIO_DIR Control Bit................................................................................................................. 15
Table 4: Selectable Controls using the DIO_DIR Bits ............................................................................. 16
Table 5: Absolute Maximum Ratings...................................................................................................... 28
Table 6: Recommended External Components ...................................................................................... 29
Table 7: Recommended Operation Conditions....................................................................................... 29
Table 8: Input Logic Levels .................................................................................................................... 30
Table 9: Output Logic Levels ................................................................................................................. 30
Table 10: Power-Fault Comparator Performance Specifications............................................................. 30
Table 11: Power-Fault Comparator Performance Specifications (BME=1) .............................................. 31
Table 12: Supply Current Performance Specifications............................................................................ 31
Table 13: V3P3D Switch Performance Specifications............................................................................. 31
Table 14: 2.5 V Voltage Regulator Performance Specifications.............................................................. 32
Table 15: Low-Power Voltage Regulator Performance Specifications..................................................... 32
Table 16: Crystal Oscillator Performance Specifications......................................................................... 32
Table 17: VREF, VBIAS Performance Specifications.............................................................................. 33
Table 18: LCD Drivers Performance Specifications................................................................................ 33
Table 19: ADC Converter Performance Specifications ........................................................................... 34
Table 20: UART1 Interface Performance Specifications ......................................................................... 34
Table 21: Temperature Sensor Performance Specifications ................................................................... 34
Table 22: RAM and Flash Memory Specifications .................................................................................. 35
Table 23: Flash Memory Timing Specifications ...................................................................................... 35
Table 24: EEPROM Interface Timing ..................................................................................................... 35
Table 25: RESET and V1 Timing ........................................................................................................... 35
Table 26: RTC Range............................................................................................................................ 35
Table 27: Power/Ground Pins................................................................................................................ 42
Table 28: Analog Pins............................................................................................................................ 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com