Electronic Components Datasheet Search
  English  ▼

X  

LPC11U2X Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC11U2X
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC11U2X Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC11U2X Datasheet HTML 9Page - NXP Semiconductors LPC11U2X Datasheet HTML 10Page - NXP Semiconductors LPC11U2X Datasheet HTML 11Page - NXP Semiconductors LPC11U2X Datasheet HTML 12Page - NXP Semiconductors LPC11U2X Datasheet HTML 13Page - NXP Semiconductors LPC11U2X Datasheet HTML 14Page - NXP Semiconductors LPC11U2X Datasheet HTML 15Page - NXP Semiconductors LPC11U2X Datasheet HTML 16Page - NXP Semiconductors LPC11U2X Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
LPC11U2X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 1 — 29 November 2011
13 of 67
NXP Semiconductors
LPC11U2x
32-bit ARM Cortex-M0 microcontroller
PIO1_20/DSR/SCK1
-
H1
13
18
[3]
I; PU
I/O
PIO1_20 — General purpose digital input/output pin.
-I
DSR — Data Set Ready input for USART.
-
I/O
SCK1 — Serial clock for SSP1.
PIO1_21/DCD/MISO1
-
G8
26
35
[3]
I; PU
I/O
PIO1_21 — General purpose digital input/output pin.
-I
DCD — Data Carrier Detect input for USART.
-
I/O
MISO1 — Master In Slave Out for SSP1.
PIO1_22/RI/MOSI1
-
A7
38
51
[3]
I; PU
I/O
PIO1_22 — General purpose digital input/output pin.
-I
RI — Ring Indicator input for USART.
-
I/O
MOSI1 — Master Out Slave In for SSP1.
PIO1_23/CT16B1_MAT1/
SSEL1
-H4
18
24
[3]
I; PU
I/O
PIO1_23 — General purpose digital input/output pin.
-O
CT16B1_MAT1 — Match output 1 for 16-bit timer 1.
-
I/O
SSEL1 — Slave select for SSP1.
PIO1_24/CT32B0_MAT0
-
G6
21
27
[3]
I; PU
I/O
PIO1_24 — General purpose digital input/output pin.
-O
CT32B0_MAT0 — Match output 0 for 32-bit timer 0.
PIO1_25/CT32B0_MAT1
-
A1
1
2
[3]
I; PU
I/O
PIO1_25 — General purpose digital input/output pin.
-O
CT32B0_MAT1 — Match output 1 for 32-bit timer 0.
PIO1_26/CT32B0_MAT2/
RXD
-G2
11
14
[3]
I; PU
I/O
PIO1_26 — General purpose digital input/output pin.
-O
CT32B0_MAT2 — Match output 2 for 32-bit timer 0.
-I
RXD — Receiver input for USART.
PIO1_27/CT32B0_MAT3/
TXD
-G1
12
15
[3]
I; PU
I/O
PIO1_27 — General purpose digital input/output pin.
-O
CT32B0_MAT3 — Match output 3 for 32-bit timer 0.
-O
TXD — Transmitter output for USART.
PIO1_28/CT32B0_CAP0/
SCLK
-H7
24
31
[3]
I; PU
I/O
PIO1_28 — General purpose digital input/output pin.
-I
CT32B0_CAP0 — Capture input 0 for 32-bit timer 0.
-
I/O
SCLK — Serial clock input/output for USART in
synchronous mode.
PIO1_29/SCK0/
CT32B0_CAP1
-D7
31
41
[3]
I; PU
I/O
PIO1_29 — General purpose digital input/output pin.
-
I/O
SCK0 — Serial clock for SSP0.
-I
CT32B0_CAP1 — Capture input 1 for 32-bit timer 0.
PIO1_31
-
-
25
-
[3]
I; PU
I/O
PIO1_31 — General purpose digital input/output pin.
USB_DM
13
G5
19
25
[7]
F-
USB_DM — USB bidirectional D
 line.
USB_DP
14
H5
20
26
[7]
F-
USB_DP — USB bidirectional D+ line.
XTALIN
4
D1
6
8
[8]
-
-
Input to the oscillator circuit and internal clock
generator circuits. Input voltage must not exceed
1.8 V.
Table 3.
Pin description
Symbol
Reset
state
[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com