Electronic Components Datasheet Search
  English  ▼

X  

LPC11U2X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC11U2X
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC11U2X Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC11U2X Datasheet HTML 1Page - NXP Semiconductors LPC11U2X Datasheet HTML 2Page - NXP Semiconductors LPC11U2X Datasheet HTML 3Page - NXP Semiconductors LPC11U2X Datasheet HTML 4Page - NXP Semiconductors LPC11U2X Datasheet HTML 5Page - NXP Semiconductors LPC11U2X Datasheet HTML 6Page - NXP Semiconductors LPC11U2X Datasheet HTML 7Page - NXP Semiconductors LPC11U2X Datasheet HTML 8Page - NXP Semiconductors LPC11U2X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
LPC11U2X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 1 — 29 November 2011
2 of 67
NXP Semiconductors
LPC11U2x
32-bit ARM Cortex-M0 microcontroller
Digital peripherals:
Up to 54 General-Purpose I/O (GPIO) pins with configurable pull-up/pull-down
resistors, repeater mode, and open-drain mode.
Up to 8 GPIO pins can be selected as edge and level sensitive interrupt sources.
Two GPIO grouped interrupt modules enable an interrupt based on a
programmable pattern of input states of a group of GPIO pins.
High-current source output driver (20 mA) on one pin.
High-current sink driver (20 mA) on true open-drain pins.
Four general-purpose counter/timers with a total of up to 5 capture inputs and 13
match outputs.
Programmable Windowed WatchDog Timer (WWDT) with a dedicated, internal
low-power WatchDog Oscillator (WDO).
Analog peripherals:
10-bit ADC with input multiplexing among eight pins.
Serial interfaces:
USB 2.0 full-speed device controller.
USART (Universal Synchronous Asynchronous Receiver/Transmitter) with
fractional baud rate generation, internal FIFO, a full modem control handshake
interface, and support for RS-485/9-bit mode and synchronous mode. USART
supports an asynchronous smart card interface (ISO 7816-3).
Two SSP (Synchronous Serial Port) controllers with FIFO and multi-protocol
capabilities.
I2C-bus interface supporting the full I2C-bus specification and Fast-mode Plus with
a data rate of up to 1 Mbit/s with multiple address recognition and monitor mode.
Clock generation:
Crystal Oscillator with an operating range of 1 MHz to 25 MHz (system oscillator).
12 MHz high-frequency Internal RC oscillator (IRC) that can optionally be used as
a system clock.
Internal low-power, low-frequency WatchDog Oscillator (WDO) with programmable
frequency output.
PLL allows CPU operation up to the maximum CPU rate with the system oscillator
or the IRC as clock sources.
A second, dedicated PLL is provided for USB.
Clock output function with divider that can reflect the crystal oscillator, the main
clock, the IRC, or the watchdog oscillator.
Power control:
Integrated PMU (Power Management Unit) to minimize power consumption during
Sleep, Deep-sleep, Power-down, and Deep power-down modes.
Power profiles residing in boot ROM allow optimized performance and minimized
power consumption for any given application through one simple function call.
Four reduced power modes: Sleep, Deep-sleep, Power-down, and Deep
power-down.
Processor wake-up from Deep-sleep and Power-down modes via reset, selectable
GPIO pins, watchdog interrupt, or USB port activity.
Processor wake-up from Deep power-down mode using one special function pin.
Power-On Reset (POR).
Brownout detect with four separate thresholds for interrupt and forced reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com