Electronic Components Datasheet Search
  English  ▼

X  

BAV74 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAV74
Description  Silicon Switching Diode Array (For high-speed switching Common cathode)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAV74 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAV74 Datasheet HTML 1Page - Siemens Semiconductor Group BAV74 Datasheet HTML 2Page - Siemens Semiconductor Group BAV74 Datasheet HTML 3Page - Siemens Semiconductor Group BAV74 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Silicon Switching Diode Array
BAV 74
Maximum Ratings per Diode
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BAV 74
Q62702-A693
JAs
SOT-23
Parameter
Symbol
Values
Unit
Reverse voltage
VR
50
V
Forward current
IF
200
mA
Junction temperature
Tj
150
˚C
Total power dissipation, TS =35˚C
Ptot
250
mW
Storage temperature range
Tstg
– 65 … + 150
Peak reverse voltage
VRM
50
Surge forward current,
t = 1 µs
IFS
4.5
A
Thermal Resistance
Junction - ambient2)
Rth JA
≤ 600
K/W
Junction - soldering point
Rth JS
≤ 460
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
For high-speed switching
q
Common cathode
5.91


Similar Part No. - BAV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74 Datasheet
57Kb / 12P
High-speed double diode
1999 May 11
logo
Zowie Technology Corpor...
BAV74 ZOWIE-BAV74 Datasheet
44Kb / 2P
MONOLITHIC DUAL SWITCHING DIODE
logo
Fairchild Semiconductor
BAV74 FAIRCHILD-BAV74 Datasheet
24Kb / 3P
High Conductance Ultra Fast Diode
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
logo
Weitron Technology
BAV74 WEITRON-BAV74 Datasheet
177Kb / 3P
Surface Mount Switching Diode
More results

Similar Description - BAV74

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC808 SANYO-FC808 Datasheet
47Kb / 2P
High-Speed Switching Composite Diode Cathode Common
logo
Siemens Semiconductor G...
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV70W SIEMENS-BAV70W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAW56 SIEMENS-BAW56 Datasheet
97Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56W SIEMENS-BAW56W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common anode)
BAW78A-BAW79D SIEMENS-BAW78A-BAW79D Datasheet
86Kb / 3P
Silicon Switching Diodes (For high-speed switching High breakdown voltage Common cathode)
logo
ON Semiconductor
NSDEMN11XV6T1 ONSEMI-NSDEMN11XV6T1 Datasheet
50Kb / 6P
Common Cathode Quad Array Switching Diode
February, 2003 - Rev. 1
NSDEMN11DXV6T1 ONSEMI-NSDEMN11DXV6T1 Datasheet
54Kb / 4P
Common Cathode Quad Array Switching Diode
May, 2006 ??Rev. 2
logo
Nexperia B.V. All right...
BAV70QA NEXPERIA-BAV70QA Datasheet
692Kb / 12P
Dual common cathode high-speed switching diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com