Electronic Components Datasheet Search
  English  ▼

X  

BAV74 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAV74
Description  Silicon Switching Diode Array (For high-speed switching Common cathode)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAV74 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAV74 Datasheet HTML 1Page - Siemens Semiconductor Group BAV74 Datasheet HTML 2Page - Siemens Semiconductor Group BAV74 Datasheet HTML 3Page - Siemens Semiconductor Group BAV74 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV 74
Semiconductor Group
2
Electrical Characteristics per Diode
at TA = 25 ˚C, unless otherwise specified.
Test circuit for reverse recovery time
Pulse generator:
tp = 100 ns, D = 0.05
Oscillograph:
R = 50
Ω
tr = 0.6 ns, Rj = 50
Ω
tr = 0.35 ns
C
≤ 1pF
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
V
Breakdown voltage
I(BR) = 100
µA
V(BR)
50
–
–
µA
Reverse current
VR = 50 V
VR = 50 V, TA = 150 ˚C
IR
–
–
–
–
0.1
100
AC characteristics
ns
Reverse recovery time
IF = 10 mA, IR = 10 mA, RL = 100
Ω
measured at IR = 1 mA
trr
––4
Forward voltage
IF = 100 mA
VF
––1
pF
Diode capacitance
VR = 0 V, f = 1 MHz
CD
––2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com