Electronic Components Datasheet Search
  English  ▼

X  

HT7466 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7466
Description  3A Step-Down DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7466 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT7466 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev. 1.00
6
September 02, 2011
HT7466
Package Information
Notethatthepackageinformationprovidedhereisforconsultationpurposesonly.Asthisinformationmaybe
updatedatregularintervalsusersareremindedtoconsulttheHoltekwebsite(http://www.holtek.com.tw/english/
literature/package.pdf)forthelatestversionofthepackageinformation.
8-pin SOP (150mil) Outline Dimensions for Thermally Enhanced Variations Only
(Exposed Pad)
,
.
+
/
0
=
-
&

)
*
+
"
#
MS-012
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
―
0.236
B
―
0.154
C
0.012
―
0.020
C'
―
0.193
D
―
―
0.067
D1
0.059
―
―
E
―
0.050
―
E2
0.039
―
―
F
―
―
0.006
G
0.016
―
0.050
H
0.004
―
0.010
α
0°
―
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
―
6.00
―
B
―
3.90
―
C
0.31
―
0.51
C'
―
4.90
―
D
―
―
1.70
D1
1.50
―
―
E
―
1.27
―
E2
1.00
―
―
F
―
―
0.15
G
0.40
―
1.27
H
0.10
―
0.25
α
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com