Electronic Components Datasheet Search
  English  ▼

X  

HT7466 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7466
Description  3A Step-Down DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7466 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7466 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 1.00
1
September 02, 2011
Rev. 1.00
PB
September 02, 2011
HT7466
3A Step-Down DC to DC Converter
Feature
• Inputvoltagerange:4.75Vto24V
• Variableoutputvoltagerange:1.222Vto20V
• 3Aoutputcurrent
• Efficiencyupto91%
• Fixed380kHzoperatingfrequency
• 20mAshutdowncurrent
• InternalpowerMOSFETswitch
• StableoperationusinglowESRceramiccapacitors
• Overtemperatureprotection
• Cycle-by-cycleovercurrentprotection
• Soft-startfunction
• Undervoltagelockoutprotection
• 8-pinSOPpackage
Applications
• Batterychargers
• Distributedpowersystems
• LEDpowersupplies
• DSLmodems
• Linearregulatorprepowerprocessing
• Set-Top-Boxes,DVDplayers,LCDdisplays
General Description
TheHT7466isaDC-DCbuckregulator.Thebuilt-
inhighdriverNMOSprovidesamonolithicsolution
forhighefficiencystep-downDC-DCconverter.With
3Aoutputcurrent,thewideinputvoltagerangeand
stableoutputvoltageregulationcanwidelyuseinall
kindsofapplication,likecommunication,powerfor
highpowerLED,batterycharger,etc.Theprotection
functionincludeovercurrentandovertemperature
protection.Thesoftstartfunctionpreventinrush
supplycurrentandoutputovershootwheninitial
startup.Theundervoltagelockoutissetto4.1V.It
preventsabnormalsituationoccurring.
TheHT7466requiresaminimumnumberofstandard
externalcomponentsandisavailableina8-pinSOP
packageforsmallareaPCBapplication.
Application Circuit
B330A
VIN
EN
SS
GND
COMP
HT7466
BS
SW
FB
22uF
10uF
L
10nF
10nF
R2
R1
VIN
VOUT


+
×
=
2
2
1
R
R
R
V
V
FB
OUT
4.75~24V
C4
C1
C2
C3
R3
C6
C5
Efficiency vs Output Current


Similar Part No. - HT7466

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 11, 2014
More results

Similar Description - HT7466

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
12V, 3A Step-Down DC/DC Converter
logo
Active-Semi, Inc
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
Analog Intergrations Co...
AIC2565 AIC-AIC2565 Datasheet
399Kb / 13P
23V 3A Step-Down DC/DC Converter
AIC2566 AIC-AIC2566 Datasheet
400Kb / 13P
23V 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 11, 2014
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
3A / 52kHz Step-Down DC-DC Converter
LM2596 TECHPUBLIC-LM2596_V01 Datasheet
2Mb / 8P
3A / 150kHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com