Electronic Components Datasheet Search
  English  ▼

X  

804 Datasheet(PDF) 1 Page - Littelfuse

Part # 804
Description  Universal Modular Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

804 Datasheet(HTML) 1 Page - Littelfuse

  804 Datasheet HTML 1Page - Littelfuse 804 Datasheet HTML 2Page - Littelfuse 804 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/804.html for current information.
TE-UMF 804 Series
Universal Modular Fuses
TE > Time Lag > 804 Series
Description
The 804 Series is a TE UMF, TT time lag type subminiature
fuse designed for overcurrent protection. It is 250V rated
and designed in accordance to IEC 60127-4.
Agency Approvals
Agency
Agency File Number
Ampere Range
E242325
800mA – 6.3A
DE1-42667
800mA, 1.25A – 6.3A
CQC10012048703
800mA, 1.25A – 6.3A
NBK060111-JP1021A
1A – 2.5A
NBK060111-JP1021B
3.15A – 5A
NBK060111-JP1021C
6.3A
SU05024-10004 to 10005
800mA – 6.3A
Features
Electrical Characteristics
Applications
% of Ampere Rating
OpeningTime
125%
3600 secs Minimum
200%
120 secs Maximum
1000%
100 milliseconds Minimum
1 secs Maximum
Amp
Code
Ampere
Rating
Rated
Voltage
Interrupting
Rating
50-60Hz/
cos=1
Voltage Drop
1.0 x I
N
max [mV]
Power
Dissipation
1.25 x I
N
max [mW]
Melting
Integral
10 x I
N
min [A2s]
Agency Approvals
0800
800mA
250V
150A/250VAC
218
332
12
xxxxx
1100
1.00A
250V
150A/250VAC
171
324
20
x
x
x
1125
1.25A
250V
150A/250VAC
151
352
30
xxxxx
1160
1.60A
250V
150A/250VAC
135
464
51
xxxxx
1200
2.00A
250V
150A/250VAC
183
486
80
xxxxx
1250
2.50A
250V
150A/250VAC
118
675
136
xxxxx
1315
3.15A
250V
150A/250VAC
163
818
189
xxxxx
1400
4.00A
250V
150A/250VAC
128
945
346
xxxxx
1500
5.00A
250V
150A/250VAC
98
1091
748
xxxxx
1630
6.30A
250V
150A/250VAC
78
1125
1099
xxxxx
Electrical Characteristics
Compliant
requirements
versions
Revised: June 1, 2011
804 Series Fuse, TE, Time-Lag Fuse


Similar Part No. - 804

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
804 MICROSEMI-804 Datasheet
82Kb / 2P
RECTIFIERS ASSEMBLIES
logo
Alpha Wire
804 ALPHAWIRE-804 Datasheet
175Kb / 3P
M8 Plastic Passive I/O Box
logo
3M Electronics
804 3M-804 Datasheet
533Kb / 2P
Scotchlok??Moisture Resistant Self-Stripping Electrical Tap Connector 804
logo
France Joint
804 FRANCEJOINT-804 Datasheet
398Kb / 4P
SHAFT SEALS WITH PTFE LIPS
logo
Glenair, Inc.
804-001 GLENAIR-804-001 Datasheet
144Kb / 1P
Push-Pull Mighty Mouse
More results

Similar Description - 804

ManufacturerPart #DatasheetDescription
logo
Littelfuse
814 LITTELFUSE-814 Datasheet
280Kb / 1P
PC Mount, vertical Universal for 5x20mm / 6.3x32mm Fuses
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
FUSES
logo
Littelfuse
80413150440 LITTELFUSE-80413150440 Datasheet
226Kb / 3P
Universal Modular Fuses
logo
Tyco Electronics
406372-2 MACOM-406372-2 Datasheet
137Kb / 1P
110 MODULAR JACK ASSEMBLY, RJ45, ENHANCED CAT5, UNIVERSAL
logo
Lineage Power Corporati...
CCH75 LINEAGEPOWER-CCH75 Datasheet
985Kb / 1P
75 Watt Modular Power Supply Universal AC Input Range
CCH125 LINEAGEPOWER-CCH125 Datasheet
225Kb / 2P
125 Watt Modular Power Supply Universal AC Input Range
logo
List of Unclassifed Man...
AX105205 ETC2-AX105205 Datasheet
286Kb / 4P
Modular Connectors - FX BRILLIANCE UNIVERSAL SC CONNECTOR
JM70100-1CR ETC1-JM70100-1CR Datasheet
1,009Kb / 4P
IEC 700V/100A modular blocks for 22x58 mm fuses
logo
Schneider Electric
HMIBMUCI29D2W01 SCHNEIDER-HMIBMUCI29D2W01 Datasheet
195Kb / 5P
Modular box PC, Harmony iPC, HMIBM Universal CFast DC WES 2 slots
May 2, 2022
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
FUSES
2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com