Electronic Components Datasheet Search
  English  ▼

X  

BAW79D Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAW79D
Description  Silicon Switching Diodes (For high-speed switching High breakdown voltage Common cathode)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAW79D Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAW79D Datasheet HTML 1Page - Siemens Semiconductor Group BAW79D Datasheet HTML 2Page - Siemens Semiconductor Group BAW79D Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAW 79 A
… BAW 79 D
Semiconductor Group
2
Electrical Characteristics per Diode
at TA = 25 ˚C, unless otherwise specified.
Test circuit for reverse recovery time
Pulse generator:
tp = 5 µs, D = 0.05
Oscillograph:
R = 50
Ω
tr = 0.6 ns, Rj = 50
Ω
tr = 0.35 ns
C
≤ 1pF
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
V
Breakdown voltage
I(BR) = 100
µA
BAW 79 A
BAW 79 B
BAW 79 C
BAW 79 D
V(BR)
50
100
200
400
–
–
–
–
–
–
–
–
µA
Reverse current
VR = VRmax
VR = VRmax, TA = 150 ˚C
IR
–
–
–
–
1
50
AC characteristics
µs
Reverse recovery time
IF = 200 mA, IR = 200 mA,
RL = 100
Ω
measured at IR = 20 mA
trr
–1–
V
Forward voltage1)
IF = 1 A
IF = 2 A
VF
–
–
–
–
1.6
2
pF
Diode capacitance
VR = 0 V, f = 1 MHz
CD
–10
–
1)
Pulse test: tp
≤ 300 µs, D = 2 %.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com