Electronic Components Datasheet Search
  English  ▼

X  

BAW79D Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BAW79D
Description  Silicon Switching Diodes (For high-speed switching High breakdown voltage Common cathode)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAW79D Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BAW79D Datasheet HTML 1Page - Siemens Semiconductor Group BAW79D Datasheet HTML 2Page - Siemens Semiconductor Group BAW79D Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAW 79 A
… BAW 79 D
Semiconductor Group
3
Forward current IF = f (TA*; TS)
* Package mounted on epoxy
Peak forward current IFM = f (t)
TA = 25 ˚C
Forward current IF = f (VF)
TA = 25 ˚C
Reverse current IR = f (TA)
VR = VRmax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com