Electronic Components Datasheet Search
  English  ▼

X  

SI8902EDB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI8902EDB
Description  Bi-Directional N-Channel 20-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8902EDB Datasheet(HTML) 2 Page - Vishay Siliconix

  SI8902EDB Datasheet HTML 1Page - Vishay Siliconix SI8902EDB Datasheet HTML 2Page - Vishay Siliconix SI8902EDB Datasheet HTML 3Page - Vishay Siliconix SI8902EDB Datasheet HTML 4Page - Vishay Siliconix SI8902EDB Datasheet HTML 5Page - Vishay Siliconix SI8902EDB Datasheet HTML 6Page - Vishay Siliconix SI8902EDB Datasheet HTML 7Page - Vishay Siliconix SI8902EDB Datasheet HTML 8Page - Vishay Siliconix SI8902EDB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 71862
S-83049-Rev. I, 22-Dec-08
Vishay Siliconix
Si8902EDB
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VSS = VGS, ID = 980 µA
0.45
1.0
V
Gate-Body Leakage
IGSS
VSS = 0 V, VGS = ± 4.5 V
± 4
µA
VSS = 0 V, VGS = ± 12 V
± 10
mA
Zero Gate Voltage Source Current
IS1S2
VSS = 20 V, VGS = 0 V
1
µA
VSS = 20 V, VGS = 0 V, TJ = 85 °C
5
On-State Source Currenta
IS(on)
VSS = 5 V, VGS = 4.5 V
5A
Source1-Source2 On State Resistancea
RS1S2(on)
VGS = 4.5 V, ISS = 1 A
0.038
0.045
Ω
VGS = 3.7 V, ISS = 1 A
0.041
0.048
VGS = 2.5 V, ISS = 1 A
0.048
0.057
VGS = 1.8 V, ISS = 1 A
0.060
0.072
Forward Transconductancea
gfs
VSS = 10 V, ISS = 1 A
20
S
Dynamicb
Turn-On Delay Time
td(on)
VSS = 10 V, RL = 10 Ω
ISS ≅ 1 A, VGEN = 4.5 V, Rg = 6 Ω
11.5
µs
Rise Time
tr
34.5
Turn-Off Delay Time
td(off)
17
26
Fall Time
tf
10
15
Gate-Current vs. Gate-Source Voltage
0
4
8
12
16
20
0
3
6
9
12
15
VGS - Gate-to-Source Voltage (V)
IGSS at 25 °C (mA)
Gate Current vs. Gate-Source Voltage
0.01
100
10 000
0.1
1
10
1000
VGS - Gate-to-Source Voltage (V)
0
36
9
15
TJ = 25 °C
TJ = 150 °C
12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com