Electronic Components Datasheet Search
  English  ▼

X  

SI8902EDB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI8902EDB
Description  Bi-Directional N-Channel 20-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8902EDB Datasheet(HTML) 3 Page - Vishay Siliconix

  SI8902EDB Datasheet HTML 1Page - Vishay Siliconix SI8902EDB Datasheet HTML 2Page - Vishay Siliconix SI8902EDB Datasheet HTML 3Page - Vishay Siliconix SI8902EDB Datasheet HTML 4Page - Vishay Siliconix SI8902EDB Datasheet HTML 5Page - Vishay Siliconix SI8902EDB Datasheet HTML 6Page - Vishay Siliconix SI8902EDB Datasheet HTML 7Page - Vishay Siliconix SI8902EDB Datasheet HTML 8Page - Vishay Siliconix SI8902EDB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 71862
S-83049-Rev. I, 22-Dec-08
www.vishay.com
3
Vishay Siliconix
Si8902EDB
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
On-Resistance vs. Gate-to-Source Voltage
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru 1.5 V
VDS - Drain-to-Source Voltage (V)
1 V
0.00
0.02
0.04
0.06
0.08
0.10
0
2468
10
VGS = 4.5 V
VGS = 2.5 V
ID - Drain Current (A)
VGS = 1.8 V
VGS = 3.7 V
0.00
0.02
0.04
0.06
0.08
0.10
0
1234
5
IS1S2 = 1 A
VGS - Gate-to-Source Voltage (V)
IS1S2 = 5 A
Transfer Characteristics
On-Resistance vs. Junction Temperature
Threshold Voltage
0
2
4
6
8
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
IS1S2 = 1 A
TJ - Junction Temperature (°C)
- 0.4
- 0.3
- 0.2
- 0.1
0.0
0.1
0.2
- 50
- 25
0
25
50
75
100
125
150
IS1S2 = 980 µA
TJ - Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com