Electronic Components Datasheet Search
  English  ▼

X  

SI9130CG Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SI9130CG
Description  Pin-Programmable Dual Controller - Portable PCs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130CG Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI9130CG Datasheet HTML 5Page - Vishay Siliconix SI9130CG Datasheet HTML 6Page - Vishay Siliconix SI9130CG Datasheet HTML 7Page - Vishay Siliconix SI9130CG Datasheet HTML 8Page - Vishay Siliconix SI9130CG Datasheet HTML 9Page - Vishay Siliconix SI9130CG Datasheet HTML 10Page - Vishay Siliconix SI9130CG Datasheet HTML 11Page - Vishay Siliconix SI9130CG Datasheet HTML 12Page - Vishay Siliconix SI9130CG Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Document Number: 70190
S11-0975-Rev. G, 16-May-11
www.vishay.com
9
Vishay Siliconix
Si9130
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3.3 V Switching Supply
The 3.3 V supply is regulated by a current-mode PWM
controller
in
conjunction
with
several
externals:
two
N-Channel MOSFETs, a rectifier, an inductor and output
capacitors (see Figure 1). The gate drive supplied by DH3
needs to be greater than VL , so it is provided by the
bootstrap circuit consisting of a 100 nF capacitor and diode
connected to BST3.
A low-side switching MOSFET connected to DL3 increases
efficiency by reducing the voltage across the rectifier diode.
A low value sense resistor in series with the inductor sets the
maximum current limit, to disallow current overloads at
power-on or in short-circuit situations.
The
soft-start
feature
on
the
Si9130
is
capacitor
programmable; pin SS3 functions as a constant current
source to the external capacitor connected to GND. Excess
currents at power-on are avoided, and power-supplies can
be sequenced with different turn-on delay times by selecting
the correct capacitor value.
5 V Switching Supply
The 5 V supply is regulated by a current-mode PWM
controller which is nearly the same as the 3.3 V output. The
dropout voltage across the 5 V supply, as shown in the
schematic in Figure 1, is 400 mV (typ) at 2 A. If the voltage
at V+ falls, nearing 5 V, the 5 V supply will lower as well, until
the VL linear regulator output falls below the 4 V
undervoltage lockout threshold. Below this threshold, the 5 V
controller is shut off.
The frequency of both PWM controllers is set at 300 kHz
when the SYNC pin is tied to REF. Connecting SYNC to
either GND or VL sets the frequency at 200 kHz.
Figure 2. Si9130 Block Diagram
+ 5 V LDO
Linear
Regulator
+ 3.3 V
Reference
ON
300 kHz/200 kHz
Oscillator
ON
3.3 V
PWM
Controller
(See Figure 3)
5 V
PWM
Controller
(See Figure 3)
STANDBY
FB3
CS3
BST3
DH3
LX3
DL3
SS3
ON3
ON5
PGND
FB5
CS5
BST5
DH5
LX5
DL5
SS5
V+
VL
REF
SHDN
SYNC
4.5 V
4 V
2.8 V
ON
ON
3.6ADJ
3.45ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com