Electronic Components Datasheet Search
  English  ▼

X  

Si9174DM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Si9174DM
Description  High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si9174DM Datasheet(HTML) 3 Page - Vishay Siliconix

  Si9174DM Datasheet HTML 1Page - Vishay Siliconix Si9174DM Datasheet HTML 2Page - Vishay Siliconix Si9174DM Datasheet HTML 3Page - Vishay Siliconix Si9174DM Datasheet HTML 4Page - Vishay Siliconix Si9174DM Datasheet HTML 5Page - Vishay Siliconix Si9174DM Datasheet HTML 6Page - Vishay Siliconix Si9174DM Datasheet HTML 7Page - Vishay Siliconix Si9174DM Datasheet HTML 8Page - Vishay Siliconix Si9174DM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Si9174
Vishay Siliconix
Document Number: 71668
S-41148—Rev. C, 14-jun-04
www.vishay.com
3
SPECIFICATIONS
Parameter
Limits
Test Conditions Unless Specified
−40_C to 85_C, VIN = VDD, VDAC = 1.215 V, CIN = 10 mF,
COUT = 4.7 mF, L = 2.2 mH, 2.6 V v VIN v 5.5 V
R1 = 11.3 kW, R2 = 20 kW
Unit
Maxa
Typb
Mina
Test Conditions Unless Specified
−40_C to 85_C, VIN = VDD, VDAC = 1.215 V, CIN = 10 mF,
COUT = 4.7 mF, L = 2.2 mH, 2.6 V v VIN v 5.5 V
R1 = 11.3 kW, R2 = 20 kW
Symbol
Modef
Converter Operation
Maximum Output
Current
PWM
ILOAD
VIN = 3.6 V
600
mA
Maximum Output
Current
PSM
ILOAD
VIN = 3.6 V
150
mA
Dropout Voltagee
VDD
VIN = 2.6 V, IOUT = 600 mA
190
300
mV
Closed Loop Bandwidth
BW
300
kHz
Load Regulationc
PWM
VIN = 3.6 V
IOUT = 30 mA to 600 mA
0.5
%
Load Regulationc
PSM
VIN = 3.6 V
VOUT = 1.9 V @ 25_C
IOUT = 30 mA to 75 mA
0.25
%
Line Regulation
PWM
VOUT = 3 0 V VIN = 3 5 V to 5 5 V
"0.1
%/V
Line Regulation
PSM
VOUT = 3.0 V, VIN = 3.5 V to 5.5 V
"0.1
%/V
PWM/PSM Switch Threshold Current
IAUpk
200
Maximum Inductor Peak Current Limit
ILpk
1500
mA
Maximum NMOS
Transistor Current Sink
PWM
Negative Transition on VDAC
1500
mA
On Resistance
P-Channel
rDS( )
VIN = 3 6 V
250
mW
On Resistance
N-Channel
rDS(on)
VIN = 3.6 V
250
mW
Output Ripple Voltage
PWM
0 05 W COUT(ESR)
IOUT = 600 mA
60
mV
Output Ripple Voltage
PSM
0.05 W COUT(ESR)
IOUT = 30 mA
80
mVp-p
Efficiency
PWM
VIN = 3 6 V VOUT = 3 3 V
IOUT = 600 mA
90
%
Efficiency
PSM
VIN = 3.6 V, VOUT = 3.3 V
IOUT = 30 mA
80
%
Frequency
PSM
IOUT w 30 mA
20
kHz
Supply Current
Input Supply Current
PWM
ISUPPLY
(VDD &
IOUT = 0 mA VIN = 3 6 V (not switching FB = GND)
500
800
Input Supply Current
PSM
(VDD &
VIN)
IOUT = 0 mA, VIN = 3.6 V (not switching, FB = GND)
400
mA
Shutdown Supply Current
ISD
SD = Low
2
Thermal Shutdown
Thermal Shutdown Temperaturec
TJ(S/D)
165
_C
Thermal Hysteresisc
20
_C
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
b.
Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
c.
Guaranteed by design.
d.
Settling times, ts, apply after ten.
e.
Bypass is a device mode of operation, in which, the device is in 100% duty cycle. Bypass operation is possible in either PWM or PSM.
f.
Operating modes are controlled with the MODE pin where Auto mode = MODE = LOW, PWM Mode = MODE = HIGH, and PSM mode = MODE = OPEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com