Electronic Components Datasheet Search
  English  ▼

X  

Si9174DM Datasheet(PDF) 4 Page - Vishay Siliconix

Part # Si9174DM
Description  High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si9174DM Datasheet(HTML) 4 Page - Vishay Siliconix

  Si9174DM Datasheet HTML 1Page - Vishay Siliconix Si9174DM Datasheet HTML 2Page - Vishay Siliconix Si9174DM Datasheet HTML 3Page - Vishay Siliconix Si9174DM Datasheet HTML 4Page - Vishay Siliconix Si9174DM Datasheet HTML 5Page - Vishay Siliconix Si9174DM Datasheet HTML 6Page - Vishay Siliconix Si9174DM Datasheet HTML 7Page - Vishay Siliconix Si9174DM Datasheet HTML 8Page - Vishay Siliconix Si9174DM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Si9174
Vishay Siliconix
www.vishay.com
4
Document Number: 71668
S-41148—Rev. C, 14-jun-04
PIN CONFIGURATION
10
LX
PGND
FB
SYNC
MSOP-10
AGND
VIN
1
2
3
9
8
DAC
MODE
Top View
56
VDD
SD
47
2
3
4
10
9
8
7
LX
AGND
FB
VDD
PGND
VIN
SYNC
SD
Top View
5
DAC
6
MODE
MLP33
PIN DESCRIPTION
Pin Number
Name
Function
1
LX
Inductor connection
2
AGND
Low power analog ground
3
FB
Output voltage feedback
4
VDD
Input supply voltage for the analog circuit.
5
DAC
Voltage from external DAC to adjust output voltage.
6
MODE
Used to select switching mode of the buck converter
PWM/PSM Pin Logic:
MODE Pin
Operating Mode
VIN
PWM
Open
PSM
GND
AUTO
7
SD
Logic low disables IC and reduces quiescent current to below 2 mA
8
SYNC
Converter switching frequency can be synchronized to 1/6 of the clock frequency at this pin.
9
VIN
Input supply voltage
10
PGND
Low impedance power ground
ORDERING INFORMATION
MSOP-10
MLP33
Standard
Part Number
Marking
Temperature
Standard
Part Number
Lead (Pb)-Free
Part Number
Marking
Temperature
Si9174DH-T1
9174
−40 to 85_C
Si9174DM-T1
Si9174DM-T1—E3
9174
−40 to 85_C
Additional voltage options are available.
Eval Kit
Temperature Range
Board
Si9174DB
−40 to 85_C
Surface Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com