Electronic Components Datasheet Search
  English  ▼

X  

SiC779DB Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SiC779DB
Description  Integrated DrMOS Power Stage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC779DB Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SiC779DB Datasheet HTML 5Page - Vishay Siliconix SiC779DB Datasheet HTML 6Page - Vishay Siliconix SiC779DB Datasheet HTML 7Page - Vishay Siliconix SiC779DB Datasheet HTML 8Page - Vishay Siliconix SiC779DB Datasheet HTML 9Page - Vishay Siliconix SiC779DB Datasheet HTML 10Page - Vishay Siliconix SiC779DB Datasheet HTML 11Page - Vishay Siliconix SiC779DB Datasheet HTML 12Page - Vishay Siliconix SiC779DB Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Vishay Siliconix
SiC779
Document Number: 67538
S11-0703-Rev. B, 18-Apr-11
www.vishay.com
9
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
SMOD Falling Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
ICIN + IDRV (mA) vs. Temperature at Frequency = 1 MHz
D = 10 %, VCIN = VDRV = 5 V
PWM Falling Tristate (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
0
10
20
30
40
50
60
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
SMOD Rising Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
IDRV (mA) vs. Temperature at Frequency = 1 MHz
D = 10 %, VCIN = VDRV = 5 V
PWM Rising Tristate Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
25
30
35
40
45
50
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com