Electronic Components Datasheet Search
  English  ▼

X  

SiC779DB Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SiC779DB
Description  Integrated DrMOS Power Stage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC779DB Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SiC779DB Datasheet HTML 9Page - Vishay Siliconix SiC779DB Datasheet HTML 10Page - Vishay Siliconix SiC779DB Datasheet HTML 11Page - Vishay Siliconix SiC779DB Datasheet HTML 12Page - Vishay Siliconix SiC779DB Datasheet HTML 13Page - Vishay Siliconix SiC779DB Datasheet HTML 14Page - Vishay Siliconix SiC779DB Datasheet HTML 15Page - Vishay Siliconix SiC779DB Datasheet HTML 16Page - Vishay Siliconix SiC779DB Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Vishay Siliconix
SiC779
Document Number: 67538
S11-0703-Rev. B, 18-Apr-11
www.vishay.com
13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL EFFICIENCY CURVES
TYPICAL POWER LOSS
Figure 6a
76
78
80
82
84
86
88
90
92
04
8
12
16
20
24
28
32
36
40
Load Current (A)
V
IN = 12 V, VOUT = 1.2 V, VDRV = VCIN = 5 V; No Air Flow:
Inductance = 0.22 µH, DCR = 0.29 m
Ω;
(Efficiency includes SiC779 and inductor loss.)
1 MHz
500 kHz
300 kHz
Figure 6b
0
2
4
6
8
10
12
14
0
4
8
1216202428323640
Load Current (A)
1 MHz
500 kHz
300 kHz
V
IN = 12 V, VOUT = 1.2 V, VDRV = VCIN = 5 V; No Air Flow:
Inductance = 0.22 µH, DCR = 0.29 m
Ω;
(Power loss includes SiC779 and inductor loss.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com