Electronic Components Datasheet Search
  English  ▼

X  

SIE832DF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIE832DF
Description  N-Channel 40-V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE832DF Datasheet(HTML) 2 Page - Vishay Siliconix

  SIE832DF Datasheet HTML 1Page - Vishay Siliconix SIE832DF Datasheet HTML 2Page - Vishay Siliconix SIE832DF Datasheet HTML 3Page - Vishay Siliconix SIE832DF Datasheet HTML 4Page - Vishay Siliconix SIE832DF Datasheet HTML 5Page - Vishay Siliconix SIE832DF Datasheet HTML 6Page - Vishay Siliconix SIE832DF Datasheet HTML 7Page - Vishay Siliconix SIE832DF Datasheet HTML 8Page - Vishay Siliconix SIE832DF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 74414
S09-1338-Rev. C, 13-Jul-09
Vishay Siliconix
SiE832DF
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Maximum under Steady State conditions is 68 °C/W.
c. Measured at source pin (on the side of the package).
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
t
≤ 10 s
RthJA
20
24
°C/W
Maximum Junction-to-Case (Drain Top)a
Steady State
RthJC (Drain)
1
1.2
Maximum Junction-to-Case (Source)a, c
RthJC (Source)
2.8
3.4
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
40
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
43.1
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6.9
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.5
2.2
3.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
1
µA
VDS = 40 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
25
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 14 A
0.0046
0.0055
Ω
VGS = 4.5 V, ID = 12 A
0.0058
0.007
Forward Transconductancea
gfs
VDS = 15 V, ID = 13.6 A
86
S
Dynamicb
Input Capacitance
Ciss
VDS = 20 V, VGS = 0 V, f = 1 MHz
3800
pF
Output Capacitance
Coss
510
Reverse Transfer Capacitance
Crss
160
Total Gate Charge
Qg
VDS = 20 V, VGS = 10 V, ID = 20 A
51
77
nC
VDS = 20 V, VGS = 4.5 V, ID = 20 A
25
38
Gate-Source Charge
Qgs
12
Gate-Drain Charge
Qgd
7
Gate Resistance
Rg
f = 1 MHz
1.1
1.7
Ω
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 2 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
45
70
ns
Rise Time
tr
260
400
Turn-Off Delay Time
td(off)
35
55
Fall Time
tf
55
85
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 2 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
15
25
Rise Time
tr
30
45
Turn-Off Delay Time
td(off)
35
55
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
50
A
Pulse Diode Forward Currenta
ISM
80
Body Diode Voltage
VSD
IS = 10 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
85
130
ns
Body Diode Reverse Recovery Charge
Qrr
110
170
nC
Reverse Recovery Fall Time
ta
64
ns
Reverse Recovery Rise Time
tb
21



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com