Electronic Components Datasheet Search
  English  ▼

X  

SIP1759 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP1759
Description  Buck-Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP1759 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP1759 Datasheet HTML 1Page - Vishay Siliconix SIP1759 Datasheet HTML 2Page - Vishay Siliconix SIP1759 Datasheet HTML 3Page - Vishay Siliconix SIP1759 Datasheet HTML 4Page - Vishay Siliconix SIP1759 Datasheet HTML 5Page - Vishay Siliconix SIP1759 Datasheet HTML 6Page - Vishay Siliconix SIP1759 Datasheet HTML 7Page - Vishay Siliconix SIP1759 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 72949
S09-1453-Rev. D, 03-Aug-09
www.vishay.com
5
Vishay Siliconix
SiP1759
DESIGNS CONSIDERATIONS
Setting the Adjustable Output Voltage
The SiP1759 regulated output can be adjusted from 2.5 V to
5.5 V via resistor divider network from VOUT to GND (see
Typical Application Circuits). R1 and R2 should be kept in the
50 k
Ω to 100 kΩ range for low power consumption, while
maintaining adequate noise immunity. The value R1 is
calculated using the following formula:
R1 = R2 {(VOUT/VFB) - 1}
VFB is nominally 1.235 V.
Capacitor Selection
Capacitor selection for CIN, COUT and CX will have an impact
in the voltage output ripple, output current and overall
physical size of the circuit.
Ceramic capacitors are recommenced for their low ESR
(
≤ 20 mΩ) which will help keep the output voltage ripple at a
minimum. The initial values for the CIN and COUT capacitors
should be 10 µF, the CX capacitor should be 0.33 µF.
Output Voltage Ripple
The SiP1759 automatically decides whether to be in step up
mode or step down mode depending on the VIN, VOUT and
current load conditions, therefore the voltage output ripple
will vary. In step-up mode the voltage output ripple is higher
than step-down mode. But unless VIN is significant larger
than VOUT (VIN ≥ VOUT + 1 V) , in heavy load the IC will slip
from buck mode to boost mode as necessary to charge the
transfer capacitor and the ripple will increase. Reducing the
CX capacitor value will cause an increase in the switching
frequency and a reduction of the output ripple.
TYPICAL CHARACTERISTICS
Efficiency vs. Input Voltage
Start-Up Input Voltage
0
20
40
60
80
100
120
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
IOUT at 10 mA
IOUT at 50 mA
IOUT at 100 mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
(VOUT < VIN) RLOAD = 33 Ω
Quiescent Current vs. Input Voltage (No Load)
Output voltage Ripple vs. Input Voltage
1.00E-07
1.00E-01
Input Voltage (V)
0.5
1.5
2.5
3.5
5.5
4.5
1.00E-02
1.00E-03
1.00E-04
1.00E-05
1.00E-06
0.00
0.04
0.08
0.12
0.16
0.20
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
10 mA
50 mA
100 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com