Electronic Components Datasheet Search
  English  ▼

X  

SIP1759 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP1759
Description  Buck-Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP1759 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP1759 Datasheet HTML 1Page - Vishay Siliconix SIP1759 Datasheet HTML 2Page - Vishay Siliconix SIP1759 Datasheet HTML 3Page - Vishay Siliconix SIP1759 Datasheet HTML 4Page - Vishay Siliconix SIP1759 Datasheet HTML 5Page - Vishay Siliconix SIP1759 Datasheet HTML 6Page - Vishay Siliconix SIP1759 Datasheet HTML 7Page - Vishay Siliconix SIP1759 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
SiP1759
Document Number: 72949
S09-1453-Rev. D, 03-Aug-09
www.vishay.com
1
Buck-Boost Regulator
DESCRIPTION
The SiP1759 is a buck-boost regulating charge pump. It is
designed to provide a regulated output from 1 cell Li Ion or 2/
3 cell NiMH voltages found in handheld portable equipment,
1.6 V to 5.5 V. SiP1759 allows the option of a fixed 3.3 V
output voltage, or an adjustable output which can be set from
2.5 V to 5.5 V. The output current is up to 100 mA.
For flexibility in application, SiP1759 has a shutdown pin
(SD) and an ERROR output to indicate when the output
voltage is in regulation.
SiP1759 is available in a 10 pin MSOP package and is rated
over the industrial temperature range of - 40 °C to 85 °C.
FEATURES
•
Output voltage - fixed 3.3 V or adjustable from 2.5 V to 5.5 V
•
1.6 V to 5.5 V input voltage range
•
100 mA output current
•
60 µA quiescent current
•
Shutdown current < 1 µA
•
Short circuit crotection
•
Thermal shutdown
• MSOP-10 package
APPLICATIONS
•
1 cell Li ion battery powered equipment
•
2 to 3 cell NiMH battery powered equipment
•
2 to 3 cell alkaline battery powered equipment
•
Backup battery boost converters
TYPICAL APPLICATION CIRCUIT
SiP1759
Adjustable Output Voltage
R
COUT
FB
PGND
GND
CX+
CX-
VOUT
CiN
CX
Fixed Output
SiP1759
R
COUT
FB
PGND
GND
CX+
CX-
PGND
CiN
CX
R1
ERROR
VIN
SD
VIN
SD
VOUT
ERROR
R2


Similar Part No. - SIP1759

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
SIP1759DB VISHAY-SIP1759DB Datasheet
456Kb / 5P
100 mA Buck-Boost Regulator Demonstration Board
31-Jul-06
SIP1759DH-T1 VISHAY-SIP1759DH-T1 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
More results

Similar Description - SIP1759

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
Inductorless -2x Boost/Buck Regulator
2002
logo
Texas Instruments
TPIC74100-Q1 TI-TPIC74100-Q1 Datasheet
891Kb / 30P
BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
BUCK/BOOST SWITCH-MODE REGULATOR
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
BUCK/BOOST SWITCH-MODE REGULATOR
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
Buck or buck-boost pre-regulator
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
FAN49101 ONSEMI-FAN49101 Datasheet
484Kb / 4P
TinyPower I2C Buck-Boost Regulator
September 2016 Rev.1.1
FAN49103 ONSEMI-FAN49103 Datasheet
1Mb / 21P
TinyPower I2C Buck-Boost Regulator
December 2017 Rev.2
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338_V01 Datasheet
840Kb / 51P
Bidirectional Buck-Boost Voltage Regulator
Jul.18.19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com