Electronic Components Datasheet Search
  English  ▼

X  

SIP11203 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP11203
Description  Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11203 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP11203 Datasheet HTML 1Page - Vishay Siliconix SIP11203 Datasheet HTML 2Page - Vishay Siliconix SIP11203 Datasheet HTML 3Page - Vishay Siliconix SIP11203 Datasheet HTML 4Page - Vishay Siliconix SIP11203 Datasheet HTML 5Page - Vishay Siliconix SIP11203 Datasheet HTML 6Page - Vishay Siliconix SIP11203 Datasheet HTML 7Page - Vishay Siliconix SIP11203 Datasheet HTML 8Page - Vishay Siliconix SIP11203 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Document Number: 73868
S11-0975–Rev. C, 16-May-11
www.vishay.com
5
Vishay Siliconix
SiP11203, SiP11204
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
Pin Number
Name
Function
1
INB
Logic input for output driver B
2
VIN
Input supply voltage
3
PGND
Power ground
4
INA
Logic input for output driver A
5
OUTA
Driver output A
6
GND
Analog ground (connect GND to the exposed pad of the IC package)
7
RDEL
Sets output rising edge delay
8
VL
5 V supply voltage for internal circuitry
9
EAOUT
Error amplifier output
10
EA-
Error amplifier inverting input
11
EA+
Error amplifier non inverting input
12
OVPIN
Input pin for over voltage detection
13
VREF
1.225 V reference voltage for converter output voltage regulating setting
14
CPD
Capacitor value sets power down detection time in conjunction with RPD
15
RPD
Resistor value sets currents for power down detection timer and for power down discharge of outputs
16
OUTB
Driver output B
Figure 1.
5 V
Pre-regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com