Electronic Components Datasheet Search
  English  ▼

X  

SIP11203 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIP11203
Description  Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11203 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIP11203 Datasheet HTML 2Page - Vishay Siliconix SIP11203 Datasheet HTML 3Page - Vishay Siliconix SIP11203 Datasheet HTML 4Page - Vishay Siliconix SIP11203 Datasheet HTML 5Page - Vishay Siliconix SIP11203 Datasheet HTML 6Page - Vishay Siliconix SIP11203 Datasheet HTML 7Page - Vishay Siliconix SIP11203 Datasheet HTML 8Page - Vishay Siliconix SIP11203 Datasheet HTML 9Page - Vishay Siliconix SIP11203 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.vishay.com
6
Document Number: 73868
S11-0975–Rev. C, 16-May-11
Vishay Siliconix
SiP11203, SiP11204
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DETAILED OPERATION
SUPPLY VOLTAGE (VIN)
The SiP11203/SiP11204 are designed to operate at an
input voltage (VIN) between 5.5 V and 13 V. The
synchronous rectifier drivers (OUTA and OUTB) are
powered directly from VIN, to facilitate setting the gate
drive voltage for the rectifier MOSFETs. Due to the
high peak currents available from the SiP11203/
SiP11204 outputs, careful attention must be paid to the
bypassing of VIN to PGND.
Internal Supply (VL)
In order to provide the internal circuitry of the
SiP11203/SiP11204 with a stable supply voltage (VL),
the SiP11203/SiP11204 incorporate a linear pre-
regulator. Operating from VIN, the pre-regulator
provides a fixed VL of 5 V for use by the majority of the
chip. VL is regulated by VREFINT, and therefore does
not depend upon the voltage at the VREF pin. For
proper IC operation, a bypass capacitor on the order
of 1µF should be connected between VL and GND.
In normal operation, VL is intended to accommodate
the internal light load requirements, such as bias
networks and the sourcing capability of the error
amplifier’s output.
Start-up Considerations
The average pre-regulator output current available to
charge the VL bypass capacitor, and the value of that
capacitor, play an important part in the start-up
sequencing of the SiP11203/SiP11204. Until VL
reaches the Chip Undervoltage Lockout threshold
(CUVLO), the part is held in a low-current standby
state. When VL exceeds the CUVLO voltage of 3.55 V,
the majority of the on-chip circuitry is enabled, with the
exception of the reference voltage buffer and the
output drivers (OUTA and OUTB). Finally, when the
main Undervoltage Lockout threshold (UVLOR) is
reached, which occurs when VL reaches 90 % of its
final value, the VREF buffer and the output drivers are
enabled. This in turn allows the VREF pin to source
current, and the outputs to respond to the INA and INB
inputs. See Figure 4, in the Applications Information
Section.
The I-V characteristic of the pre-regulator approximates
that of a constant current source. With VIN = 7.5 V, the
typical IOUT at the VL pin for voltages between 0 V and
the final regulated voltage of 5 V is 35 mA.
REFERENCE VOLTAGE (VREF)
The
SiP11203/SiP11204
incorporate
an
internal
voltage reference of 2.5 V. This is scaled and buffered
to drive the VREF pin at 1.225 V. The accuracy of VREF
is ± 1 % at 25 °C, with a temperature coefficient of
±
160 µV/°C, yielding a worst-case accuracy over
temperature of ± 3 % (- 40 °C to + 85 °C).
Start-up and Soft-Start Considerations
VREF is held at 0 V until VL has exceeded its UVLOR
threshold. This allows a soft-start function to be
implemented by controlling the rate of rise of voltage
on the VREF pin, which in turn causes a gradual rise in
the target voltage of the error amplifier and its
associated voltage control loop. See Figure 4, in the
Applications Information Section.
The charging rate (dV/dt) of VREF is user-settable by
choice of VREF bypass capacitor value. The I-V
characteristic of the reference output approximates
that of a constant current source, with the typical IOUT
at the VREF pin for voltages between 0 V and the final
regulated voltage of 1.225 V being 410 µA. See the
graph “VREF Start-up.”
ERROR AMPLIFIER
The error amplifier is biased from the internal 5 V
supply (VL). The input common mode range extends
down to ground and up to 3.5 V. The output stage can
source in excess of 4 mA and can sink 1 mA. The
output stage is comprised of a class-A source follower
working into a 1 mA pull down (current sink), and is
designed to drive light loads such as an optocoupler
and the series resistor. The output source current IOH
is limited by an internal 500
 resistor, to protect the
output in the event of a short to GND. When sourcing
current in excess of 1 mA, the voltage drop across this
resistor should be taken into account (see graph of
VOH vs. ILOAD). The 1 MHz amplifier has 75 degrees of
phase margin, and a large signal slew rate is (1 V/µs)
in a unitygain configuration. The input offset voltage is
typically 3 mV at 25 °C, and the offset voltage
temperature coefficient is typically 30 uV/°C. Due to its
CMOS inputs, the amplifier has low input bias and
offset currents. Both amplifier inputs as well as the
output are accessible, to facilitate meeting the
compensation requirements of specific applications.
Note that the error amplifier output is clamped low until
the VL voltage has increased past the CUVLOR
voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com