Electronic Components Datasheet Search
  English  ▼

X  

SIP11205 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP11205
Description  Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11205 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP11205 Datasheet HTML 1Page - Vishay Siliconix SIP11205 Datasheet HTML 2Page - Vishay Siliconix SIP11205 Datasheet HTML 3Page - Vishay Siliconix SIP11205 Datasheet HTML 4Page - Vishay Siliconix SIP11205 Datasheet HTML 5Page - Vishay Siliconix SIP11205 Datasheet HTML 6Page - Vishay Siliconix SIP11205 Datasheet HTML 7Page - Vishay Siliconix SIP11205 Datasheet HTML 8Page - Vishay Siliconix SIP11205 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Vishay Siliconix
SiP11205
Document Number: 69233
S-81795-Rev. C, 04-Aug-08
www.vishay.com
1
Feed-Forward Controller with Primary MOSFET
Drivers for Intermediate Bus Converters
FEATURES
•
36 V to 75 V input voltage range
•
Withstand 100 V, 100 ms transient capability
•
Integrated ± 1.6 A typical high- and low-side MOSFET
drivers
•
Oscillator frequency is programmable from 200 kHz to
1 MHz (100 kHz to 500 kHz switching frequency) and can
be externally synchronized
•
Voltage feed-forward compensation
•
High voltage pre-regulator operates during start-up
•
Current sensing on primary low-side switch
•
Hiccup mode
•
System low input voltage detection
•
Chip UVLO function
•
Programmable soft-start function
•
Over temperature protection (160 °C)
•
Greater than 95.5 % efficiency for 42 V to 55 V input range
• Better than 2 % line regulation at 9 A
APPLICATIONS
•
Intermediate bus architectures
•
Telecom and Datacom
•
Routers and servers
•
Storage area network
•
Base station
• 1/8 and 1/4 bricks
DESCRIPTION
SiP11205 is a feed-forward controller for the primary side of
a half-bridge intermediate bus converter (IBC). It is ideally
suited for isolated applications such as telecom, data
communications and other products requiring an IBC
architecture and conversion of standard bus voltages such
as 48 V to a lower intermediate voltage, where high
efficiency is required at low output voltages (24 V, 12 V, 9 V
or 5 V).
Designed to operate within the telecom voltage range of
36 V to 75 V and withstand 100 V transients for a period of
100 ms, the IC is designed for controlling and driving both
the low- and high-side switching devices of a half-bridge
converter.
The feed-forward feature is designed to make the converter
output semi-regulated and is beneficial for point-of-load
applications that require narrow input range. SiP11205 has
advanced current monitoring and control circuitry, which
allows the user to set the maximum current in the primary
circuit. This feature acts as protection against overcurrent
and output short circuit. Current sensing is by means of a
sense resistor connected in series with the primary low-side
MOSFET.
TYPICAL APPLICATION CIRCUIT
Vo+
Vo-
42 V to 55 V
100 V/100 ms
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SiP11205
VINDET
VIN
VCC
COMP
CS
AGND
VREF
ROSC
BST
DH
LX
DL
PGND
SS
RDB
COSC
Vin+
Vin-


Similar Part No. - SIP11205

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11205 VISHAY-SIP11205 Datasheet
341Kb / 21P
Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
SIP11205 VISHAY-SIP11205_V01 Datasheet
341Kb / 21P
Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
More results

Similar Description - SIP11205

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6744 INTERSIL-ISL6744 Datasheet
403Kb / 18P
Intermediate Bus PWM Controller
September 22, 2005
ISL6744A INTERSIL-ISL6744A Datasheet
344Kb / 18P
Intermediate Bus PWM Controller
October 8, 2007
logo
Vishay Siliconix
SIP11206 VISHAY-SIP11206 Datasheet
414Kb / 19P
Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
logo
International Rectifier
IRF6648PBF IRF-IRF6648PBF_15 Datasheet
645Kb / 10P
Ideal for 24V input Primary Side Forward Converters
logo
Intersil Corporation
ISL6744AU INTERSIL-ISL6744AU Datasheet
323Kb / 18P
Intermediate Bus PWM Controller
September 22, 2005
ISL6744AAUZ INTERSIL-ISL6744AAUZ Datasheet
345Kb / 18P
Intermediate Bus PWM Controller
October 8, 2007
logo
Renesas Technology Corp
ISL6744 RENESAS-ISL6744 Datasheet
788Kb / 18P
Intermediate Bus PWM Controller
ISL6744A RENESAS-ISL6744A Datasheet
1Mb / 27P
Intermediate Bus PWM Controller
logo
Vishay Siliconix
SIP11205 VISHAY-SIP11205_V01 Datasheet
341Kb / 21P
Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
SIP11206 VISHAY-SIP11206_V01 Datasheet
341Kb / 19P
Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com