Electronic Components Datasheet Search
  English  ▼

X  

SIP11205 Datasheet(PDF) 15 Page - Vishay Siliconix

Part # SIP11205
Description  Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11205 Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button SIP11205 Datasheet HTML 11Page - Vishay Siliconix SIP11205 Datasheet HTML 12Page - Vishay Siliconix SIP11205 Datasheet HTML 13Page - Vishay Siliconix SIP11205 Datasheet HTML 14Page - Vishay Siliconix SIP11205 Datasheet HTML 15Page - Vishay Siliconix SIP11205 Datasheet HTML 16Page - Vishay Siliconix SIP11205 Datasheet HTML 17Page - Vishay Siliconix SIP11205 Datasheet HTML 18Page - Vishay Siliconix SIP11205 Datasheet HTML 19Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Document Number: 69233
S-81795-Rev. C, 04-Aug-08
www.vishay.com
15
Vishay Siliconix
SiP11205
TYPICAL CHARACTERISTICS
RVINDET vs. Temperature
Line and Load Regulation
- 40
- 15
10
35
60
85
110
135
Temperature (°C)
35
40
45
50
55
60
65
8
9
10
11
12
13
14
0
3
6
9
12
15
Load Current (A)
VIN = 42 V
VIN = 48 V
VIN = 55 V
VCS vs. Temperature
Efficiency vs. Current
- 40
- 15
10
35
60
85
110
135
Temperature (°C)
100
125
150
175
200
225
V
SOC
V
MOC
80
84
88
92
96
03
69
12
15
Load Current (A)
VIN = 42 V
VIN = 48 V
VIN = 55 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com