Electronic Components Datasheet Search
  English  ▼

X  

SIP12502 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP12502
Description  500 mA - Fixed Output Boost Converter for Single or Dual Cell
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12502 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP12502 Datasheet HTML 1Page - Vishay Siliconix SIP12502 Datasheet HTML 2Page - Vishay Siliconix SIP12502 Datasheet HTML 3Page - Vishay Siliconix SIP12502 Datasheet HTML 4Page - Vishay Siliconix SIP12502 Datasheet HTML 5Page - Vishay Siliconix SIP12502 Datasheet HTML 6Page - Vishay Siliconix SIP12502 Datasheet HTML 7Page - Vishay Siliconix SIP12502 Datasheet HTML 8Page - Vishay Siliconix SIP12502 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
SiP12502
Document Number: 73578
S09-1456-Rev. B, 03-Aug-09
www.vishay.com
1
500 mA - Fixed Output Boost Converter for Single or Dual Cell
DESCRIPTION
SiP12502 is a boost converter IC with fixed output voltage for
single or double cell NiMH or Alkaline battery pack. Featuring
with an internal low resistance power MOSFET, it is capable
of starting up with a low battery voltage of 0.85 V. It only
needs four external components (an inductor, a diode and
two capacitors) to construct a step-up converter. For best
efficiency performance, it is designed to operate in PWM
mode with a 300 kHZ switching frequency under normal load
and in PFM mode under light load. The voltage-mode control
loop is internally compensated, simplifying converter design
and reducing external parts count. It accepts input voltages
from 0.85 V to 5 V, providing fixed output voltages of 2.0 V,
3.3 V, and 5.0 V. It also features low shutdown current of
under 1 µA, over voltage protection, thermal shutdown
protection, a power good output and antiringing control to
minimize EMI.
SiP12502 is available in a lead (Pb)-free 6-pin, PowerPAK
MLP33 package and is specified to operate over the
industrial temperature range of - 40 °C to 85 °C.
FEATURES
•
Voltage mode control with internal frequency
compensation
•
0.85 V to 5.0 V input voltage range
•
Fixed output voltage options - 2.0 V, 3.3 V, and 5.0 V
•
Other voltages available upon request
•
PWM control with 300 kHz fixed switching frequency
•
PFM control for light load
•
Powered from the output voltage supply
•
Integrated UVLO and soft-start
•
Logic controlled shutdown (< 1 µA)
•
85 % typical efficiency
•
Internal power MOS switch: 0.2
Ω at 3.3 V output
•
Antiringing switch to minimize EMI
•
Power good output
•
Shutdown input
•
Minimum external components
•
PowerPAK® MLP33-6 package, (DFN-6, 3 x 3)
•
Over voltage protection
APPLICATIONS
•
Portable applications
•
Battery-powered equipment
•
Handheld devices
•
Digital cameras
•
Wireless handsets
•
LCD and OLED bias
TYPICAL APPLICATION CIRCUIT
XSHD
LX
SiP12502
VOUT
VIN
PGOOD
GND
1
3
6
4
2
5
10 µH
XSHD
10 µF
VIN
47 µF
MBR0520
330 K
Ω
PGOOD
VOUT


Similar Part No. - SIP12502

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12501DMP-T1-E3 VISHAY-SIP12501DMP-T1-E3 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
500-mA - Adjustable Boost Converter for Single or Dual Cell
03-Aug-09
SIP12503DMP-T1-E3 VISHAY-SIP12503DMP-T1-E3 Datasheet
232Kb / 11P
500-mA - Adjustable Boost Converter for Single or Dual Cell
03-Aug-09
SIP12506 VISHAY-SIP12506 Datasheet
202Kb / 11P
1-MHz Boost Converter with OVP for White LED Applications
26-Mar-07
More results

Similar Description - SIP12502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6734I TI-TPS6734I Datasheet
285Kb / 19P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
0.85V Single Cell Boost DC-DC Converter
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
500-mA - Adjustable Boost Converter for Single or Dual Cell
03-Aug-09
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
logo
Texas Instruments
TPS6734IDR TI-TPS6734IDR Datasheet
453Kb / 22P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
Single- and Dual-Cell Boost Converter
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com