Electronic Components Datasheet Search
  English  ▼

X  

SIP12502 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP12502
Description  500 mA - Fixed Output Boost Converter for Single or Dual Cell
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12502 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP12502 Datasheet HTML 1Page - Vishay Siliconix SIP12502 Datasheet HTML 2Page - Vishay Siliconix SIP12502 Datasheet HTML 3Page - Vishay Siliconix SIP12502 Datasheet HTML 4Page - Vishay Siliconix SIP12502 Datasheet HTML 5Page - Vishay Siliconix SIP12502 Datasheet HTML 6Page - Vishay Siliconix SIP12502 Datasheet HTML 7Page - Vishay Siliconix SIP12502 Datasheet HTML 8Page - Vishay Siliconix SIP12502 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 73578
S09-1456-Rev. B, 03-Aug-09
Vishay Siliconix
SiP12502
PIN CONFIGURATION AND TRUTH TABLE
PIN FUNCTIONS
XSHD (Pin 1)
XSHD is a logic-level shutdown control pin. When XSHD is
low, the IC’s switching is disabled and an antiringing switch
is connected between LX and VIN. When XSHD is high, the
IC is working in normal operation.
VIN (Pin 2)
VIN is the pin connected to the battery input voltage. At start-
up, SIP12502 is powered from the voltage at the VIN pin.
Once VOUT exceeds VIN, the SIP12502 is powered from
VOUT. This increases the drive to the gate of the internal
power switch, to allow higher maximum output currents and
higher converter efficiency.
VOUT (Pin 3)
VOUT is the output of the boost converter and also the power
source for the IC.
PGOOD (Pin 4)
PGOOD is the open-drain output pin of the power good
comparator. It is low when VOUT is 10 % lower than its
regulation voltage. After the soft start is finished and VOUT is
higher than 90 % of its regulation voltage, PGOOD will go
high. Its hysteresis is 2 %.
GND (Pin 5)
GND is the ground pin for signal and power ground.
LX (Pin 6)
LX is connects to the drain of the internal power MOSFET
(boost switch). Externally, the LX pin should be connected to
the boost inductor and Schottky diode. If the inductor current
falls to zero, or XSHD is low, an internal antiringing switch is
connected from LX to VIN to minimize EMI.
2
3
6
5
4
1
PowerPAK MLP33-6
Top View
VIN
XSHD
GND
LX
VOUT
PGOOD
ORDERING INFORMATION
Part Number
Voltage Output
Temperature Range
Marking
SiP12502DMP-20-E3
2.0 V
- 40 °C to 85 °C
502A
SiP12502DMP-33-E3
3.3 V
502E
SiP12502DMP-50-E3
5.0 V
502G
PIN DESCRIPTION
Pin Number
Name
Function
1
XSDH
Logic controlled shutdown input, XSHD = high: normal operation, XSHD = low: shutdown
2
VIN
Input voltage
3
VOUT
Output of the boost converter and power source for the IC battery
4
PGOOD
Power good comparator output
5
GND
Signal and power ground
6
LX
Switch pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com